Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7391LVPD Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7391LVPD
Description  40 W bridge car radio amplifier with low voltage operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7391LVPD Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7391LVPD Datasheet HTML 15Page - STMicroelectronics TDA7391LVPD Datasheet HTML 16Page - STMicroelectronics TDA7391LVPD Datasheet HTML 17Page - STMicroelectronics TDA7391LVPD Datasheet HTML 18Page - STMicroelectronics TDA7391LVPD Datasheet HTML 19Page - STMicroelectronics TDA7391LVPD Datasheet HTML 20Page - STMicroelectronics TDA7391LVPD Datasheet HTML 21Page - STMicroelectronics TDA7391LVPD Datasheet HTML 22Page - STMicroelectronics TDA7391LVPD Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
DocID023014 Rev 3
21/23
TDA7391LV
Package information
22
E1 (1)
10.9
11.1
0.4291
0.437
E2
2.9
0.1142
E3
5.8
6.2
0.2283
0.2441
G
0
0.1
0
0.0039
h
1.1
0.0433
H
15.5
15.9
0.6102
0.626
L
0.8
1.1
0.0315
0.0433
N
10d.
10d.
R
0.6
0.0236
s
0d.
8d.
0d.
8d.
V
5d.
7d.
5d.
7d.
1. ‘D’ and ‘E1’ do not include mold flash or protrusions.
Mold flash or protrusions shall not exceed 0.15 mm (0.006 inches) per side.
Table 8. PowerSO-20 (slug-up) package mechanical data (continued)
Symbol
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com