Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7561 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7561
Description  Multifunction quad power amplifier with built-in diagnostics features
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7561 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7561 Datasheet HTML 9Page - STMicroelectronics TDA7561 Datasheet HTML 10Page - STMicroelectronics TDA7561 Datasheet HTML 11Page - STMicroelectronics TDA7561 Datasheet HTML 12Page - STMicroelectronics TDA7561 Datasheet HTML 13Page - STMicroelectronics TDA7561 Datasheet HTML 14Page - STMicroelectronics TDA7561 Datasheet HTML 15Page - STMicroelectronics TDA7561 Datasheet HTML 16Page - STMicroelectronics TDA7561 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TDA7561
Diagnostics functional description
Doc ID 8326 Rev 6
13/27
Figure 18.
SVR and output pin behaviour (case 2: with turn-on diagnostic)
The information related to the outputs status is read and memorized at the end of the
current pulse top. The acquisition time is 100 ms (typ.). No audible noise is generated in the
process. As for short to GND / Vs the fault-detection thresholds remain unchanged from 26
dB to 12 dB gain setting. They are as follows:
Figure 19.
Short circuit detection thresholds
Concerning short across the speaker / open speaker, the threshold varies from 26 dB to 12
dB gain setting, since different loads are expected (either normal speaker's impedance or
high impedance). The values in case of 26 dB gain are as follows:
Figure 20.
Load detection thresholds - high gain setting
If the line-driver mode (Gv = 12 dB and line driver mode diagnostic = 1) is selected, the
same thresholds will change as follows:
Figure 21.
Load detection threshold - low gain setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com