Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7561 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7561
Description  Multifunction quad power amplifier with built-in diagnostics features
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7561 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7561 Datasheet HTML 13Page - STMicroelectronics TDA7561 Datasheet HTML 14Page - STMicroelectronics TDA7561 Datasheet HTML 15Page - STMicroelectronics TDA7561 Datasheet HTML 16Page - STMicroelectronics TDA7561 Datasheet HTML 17Page - STMicroelectronics TDA7561 Datasheet HTML 18Page - STMicroelectronics TDA7561 Datasheet HTML 19Page - STMicroelectronics TDA7561 Datasheet HTML 20Page - STMicroelectronics TDA7561 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
TDA7561
I2C bus
Doc ID 8326 Rev 6
17/27
6
I2C bus
6.1
I2C programming/reading sequence
A correct turn on/off sequence respectful of the diagnostic timings and producing no audible
noises could be as follows (after battery connection):
●
Turn-on: (Standby out + Diag enable) --- 500 ms (min) --- Muting out
●
Turn-off: Muting in --- 20 ms --- (Diag disable + Standby in)
●
Car radio installation: Diag enable (write) --- 200 ms --- I2C read (repeat until All faults
disappear).
●
Offset test: Device in Play (no signal) -- Offset enable - 30 ms - I2C reading (repeat I2C
reading until high-offset message disappears).
6.2
I2C bus interface
Data transmission from microprocessor to the TDA7561 and viceversa takes place through
the 2 wires I2C bus interface, consisting of the two lines SDA and SCL (pull-up resistors to
positive supply voltage must be connected).
6.2.1
Data validity
As shown by Figure 24, the data on the SDA line must be stable during the high period of
the clock.
The High and Low state of the data line can only change when the clock signal on the SCL
line is Low.
6.2.2
Start and stop conditions
As shown by Figure 25 a start condition is a High to Low transition of the SDA line while SCL
is HIGH.
The stop condition is a Low to High transition of the SDA line while SCL is High.
6.2.3
Byte format
Every byte transferred to the SDA line must contain 8 bits. Each byte must be followed by an
acknowledge bit. The MSB is transferred first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com