Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7567PD Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7567PD
Description  4 x 50 W differential quad power amplifier with built-in diagnostics features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7567PD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7567PD Datasheet HTML 6Page - STMicroelectronics TDA7567PD Datasheet HTML 7Page - STMicroelectronics TDA7567PD Datasheet HTML 8Page - STMicroelectronics TDA7567PD Datasheet HTML 9Page - STMicroelectronics TDA7567PD Datasheet HTML 10Page - STMicroelectronics TDA7567PD Datasheet HTML 11Page - STMicroelectronics TDA7567PD Datasheet HTML 12Page - STMicroelectronics TDA7567PD Datasheet HTML 13Page - STMicroelectronics TDA7567PD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Electrical specifications
TDA7567PD
10/30
Doc ID 16903 Rev 2
V
OS
During mute ON/OFF output
offset voltage
ITU R-ARM weighted (full wave
rectified, standby pin linear
transition = 5.55 V to 6.45 V in 80
ms, @25 °C,
VS = 14.4V) see Figure 4
-7.5
-
+7.5
mV
During standby ON/OFF
output offset voltage
-7.5
-
+7.5
mV
CK_HE
STD mode selector
ADSEL pin floating
-
-
1.5
V
HE mode selector
ADSEL pin floating
2.3
-
V
DATA_gain
High gain selector
ADSEL pin floating
-
1.5
V
Low gain selector
ADSEL pin floating
2.3
-
-
V
Turn on diagnostics 1 (power amplifier mode)
Pgnd
Short to GND det. (Below this
limit, the output is considered
in short circuit to GND)
Power amplifier in standby
--
1.2
V
Pvs
Short to VS det. (Above this
limit, the output is considered
in short circuit to VS)
Vs -1.2
-
-
V
Pnop
Normal operation
thresholds.(Within these
limits, the output is
considered without faults).
1.8
-
Vs -1.8
V
Lsc
Shorted load det.
-
-
0.5
Lop
Open load det.
85
-
Lnop
Normal load det.
1.5
-
45
Turn on diagnostics 2 (line driver mode)
Pgnd
Short to GND det. (Below this
limit, the output is considered
in short circuit to GND)
Power amplifier in standby
-
-
1.2
V
Pvs
Short to Vs det. (Above this
limit, the output is considered
in short circuit to VS)
-
Vs -1.2
-
-
V
Pnop
Normal operation thresholds.
(Within these limits, the
output is considered without
faults).
-
1.8
-
Vs -1.8
V
Lsc
Shorted Load det.
-
-
-
1.5
Lop
Open Load det.
-
330
-
-
Lnop
Normal Load det.
-
7
-
180
Permanent diagnostics 2 (Power amplifier mode or line driver mode)
Pgnd
Short to GND det. (Below this
limit, the output is considered
in short circuit to GND)
Power amplifier in mute or play,
one or more short circuits
protection activated
--
1.2
V
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com