Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7567PD Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7567PD
Description  4 x 50 W differential quad power amplifier with built-in diagnostics features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7567PD Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7567PD Datasheet HTML 1Page - STMicroelectronics TDA7567PD Datasheet HTML 2Page - STMicroelectronics TDA7567PD Datasheet HTML 3Page - STMicroelectronics TDA7567PD Datasheet HTML 4Page - STMicroelectronics TDA7567PD Datasheet HTML 5Page - STMicroelectronics TDA7567PD Datasheet HTML 6Page - STMicroelectronics TDA7567PD Datasheet HTML 7Page - STMicroelectronics TDA7567PD Datasheet HTML 8Page - STMicroelectronics TDA7567PD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
September 2013
Doc ID 16903 Rev 2
1/30
1
TDA7567PD
4 x 50 W differential quad power amplifier
with built-in diagnostics features
Features
■ Multipower BCD technology
■ MOSFET output power stage
■ DMOS power output
■ Differential Input
■ New high efficiency (class SB)
■ High output power capability 4x28 W/4  @
14.4 V, 1 kHz, 10% THD, 4x50 W MAX power
■ Max. output power 4x72 W/2 
■ Full I2C bus driving:
– Standby
– Independent front/rear soft play/mute
– Selectable gain 26 dB /16 dB (for low noise
line output function)
– High efficiency enable/disable
–I2C bus digital diagnostics (including DC
and AC load detection)
■ Operates both in I2C and non-I2C bus mode
■ Two selectable I2C bus addresses
■ Full fault protection
■ DC offset detection
■ Four independent short circuit protection
■ Clipping detector pin with selectable threshold
(2 %/10 %)
■ Standby/mute pin
■ Linear thermal shutdown with multiple thermal
warning
■ ESD protection
Description
The TDA7567PD is a new BCD technology quad
bridge power amplifier in PowerSO36 package
specially intended for automotive applications.
Thanks to the DMOS output stage the
TDA7567PD has a very low distortion allowing a
clear powerful sound. Among the features, its
superior efficiency performance coming from the
internal exclusive structure, makes it the most
suitable device to simplify the thermal
management in high power sets.
The dissipated output power under average
listening condition is in fact reduced up to 50 %
when compared to the level provided by
conventional class AB solutions.
This device is equipped with a full diagnostics
array that communicates the status of each
speaker through the I2C bus.
The I2C bus can be disabled and the device can
be controlled by standby/mute pin.
PowerSO36
Table 1. Device summary
Order code
Package
Packing
TDA7567PD
PowerSO36
Tube
TDA7567PDTR
PowerSO36
Tape and reel
www.st.com


Similar Part No. - TDA7567PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7567PD STMICROELECTRONICS-TDA7567PD Datasheet
358Kb / 30P
4 x 50 W differential quad power amplifier with built-in diagnostics features
11-Dec-2009
More results

Similar Description - TDA7567PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7561 STMICROELECTRONICS-TDA7561 Datasheet
232Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Dec-2002
TDA7562 STMICROELECTRONICS-TDA7562 Datasheet
200Kb / 17P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7563 STMICROELECTRONICS-TDA7563 Datasheet
245Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7564 STMICROELECTRONICS-TDA7564 Datasheet
248Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
226Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7564B STMICROELECTRONICS-TDA7564B Datasheet
505Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics features
22-Jan-2007
TDA7562B STMICROELECTRONICS-TDA7562B Datasheet
454Kb / 30P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
01-Feb-2011
TDA7566 STMICROELECTRONICS-TDA7566_10 Datasheet
370Kb / 29P
4 x 40 W multifunction quad power amplifier with built-in diagnostics features
11-Oct-2010
TDA7567PD STMICROELECTRONICS-TDA7567PD Datasheet
358Kb / 30P
4 x 50 W differential quad power amplifier with built-in diagnostics features
11-Dec-2009
TDA7562BEP STMICROELECTRONICS-TDA7562BEP Datasheet
635Kb / 34P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
04-Feb-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com