Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7567PDTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7567PDTR
Description  4 x 50 W differential quad power amplifier with built-in diagnostics features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7567PDTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7567PDTR Datasheet HTML 3Page - STMicroelectronics TDA7567PDTR Datasheet HTML 4Page - STMicroelectronics TDA7567PDTR Datasheet HTML 5Page - STMicroelectronics TDA7567PDTR Datasheet HTML 6Page - STMicroelectronics TDA7567PDTR Datasheet HTML 7Page - STMicroelectronics TDA7567PDTR Datasheet HTML 8Page - STMicroelectronics TDA7567PDTR Datasheet HTML 9Page - STMicroelectronics TDA7567PDTR Datasheet HTML 10Page - STMicroelectronics TDA7567PDTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
TDA7567PD
Block, application and pins connection diagrams
Doc ID 16903 Rev 2
7/30
Figure 2.
Application diagram
Figure 3.
Pins connection diagram (top of view)
IN 3 +
C1 0.22 F
OUT 3
OUT 4
OUT 1
OUT 2
C6
10F
TAB
47K
-
+
-
+
-
+
-
+
C8
0.1F
V(4V .. VCC)
C7
3300F
DATA
I2C BUS
CLK
23
30
31
2
7
11
29
SGND
24
18
CD
V
6
12
33
34
35
3
4
8
22
21
20
15
13
10
1
9
ADSEL/I2CDIS
19
36
C2 0.22F
32
IN 3 -
IN 4 +
C3 0.22 F
C4 0.22F
IN 4 -
IN 1 +
C5 0.22 F
C6 0.22F
IN 1 -
IN 2 +
C7 0.22F
C8 0.22F
IN 2 -
25
26
27
28
SVR
STBY
IN 3 +
C1 0.22 F
OUT 3
OUT 4
OUT 1
OUT 2
C6
10F
TAB
47K
-
+
-
+
-
+
-
+
C8
0.1F
V(4V .. VCC)
C7
3300F
DATA
I2C BUS
CLK
23
30
31
2
7
11
29
SGND
24
18
CD
V
6
12
33
34
35
3
4
8
22
21
20
15
13
10
1
9
ADSEL/I2CDIS
19
36
C2 0.22F
32
IN 3 -
IN 4 +
C3 0.22 F
C4 0.22F
IN 4 -
IN 1 +
C5 0.22 F
C6 0.22F
IN 1 -
IN 2 +
C7 0.22F
C8 0.22F
IN 2 -
25
26
27
28
SVR
STBY
CD
N.C.
N.C.
OUT2+
VCC
PWGND
N.C.
OUT4+
CK_HE-selector
OUT3-
PWGND
OUT3+
IN3+
IN3-
OUT1+
PWGND
OUT1-
VCC
18
16
17
15
6
5
4
3
2
21
22
31
32
33
35
34
36
20
1
19
TAB
VCC
D06AU1641B
ADSEL/I2CDIS
DATA_Gain-selector
OUT4-
IN4+
IN4-
SGND
9
8
7
28
29
30
OUT2-
IN2+
10
27
N.C.
STBY
VCC
IN2-
IN1-
IN1+
14
12
11
23
25
26
PWGND
SVR
13
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com