Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7567PDTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7567PDTR
Description  4 x 50 W differential quad power amplifier with built-in diagnostics features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7567PDTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7567PDTR Datasheet HTML 8Page - STMicroelectronics TDA7567PDTR Datasheet HTML 9Page - STMicroelectronics TDA7567PDTR Datasheet HTML 10Page - STMicroelectronics TDA7567PDTR Datasheet HTML 11Page - STMicroelectronics TDA7567PDTR Datasheet HTML 12Page - STMicroelectronics TDA7567PDTR Datasheet HTML 13Page - STMicroelectronics TDA7567PDTR Datasheet HTML 14Page - STMicroelectronics TDA7567PDTR Datasheet HTML 15Page - STMicroelectronics TDA7567PDTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Diagnostics functional description
TDA7567PD
12/30
Doc ID 16903 Rev 2
3
Diagnostics functional description
3.1
Turn-on diagnostic
It is activated at the turn-on (standby out) under I2C bus request. Detectable output faults
are:
●
Short to GND
●
Short to Vs
●
Short across the speaker
●
Open speaker
To verify if any of the above misconnections are in place, a subsonic (inaudible) current
pulse (Figure 5) is internally generated, sent through the speaker(s) and sunk back. The
turn-on diagnostic status is internally stored until a successive diagnostic pulse is requested
(after a I2C reading).
If the "standby out" and "diagnostic enable" commands are both given through a single
programming step, the pulse takes place first (power stage still in standby mode, low,
outputs= high impedance).
Afterwards, when the amplifier is biased, the PERMANENT diagnostic takes place. The
previous turn-on state is kept until a short appears at the outputs.
Figure 5.
Turn-on diagnostic: working principle
Figure 6 and 7 show SVR and output waveforms at the turn-on (standby out) with and
without turn-on diagnostic.
Figure 6.
SVR and output behavior (case 1: without turn-on diagnostic)
CH-
CH+
Isource
Vs~5V
Isink
t (ms)
I (mA)
Isink
Isource
~100mS
Measure time
Bias (power amp turn-on)
t
Diagnostic Enable
(Permanent)
Permanent diagnostic
acquisition time (100mS Typ)
Permanent Diagnostics data (output)
permitted time
I2CB DATA
Vsvr
Out
FAULT
event
Read Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com