Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2212 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2212
Description  16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2212 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2212 Datasheet HTML 1Page - NXP Semiconductors LPC2212 Datasheet HTML 2Page - NXP Semiconductors LPC2212 Datasheet HTML 3Page - NXP Semiconductors LPC2212 Datasheet HTML 4Page - NXP Semiconductors LPC2212 Datasheet HTML 5Page - NXP Semiconductors LPC2212 Datasheet HTML 6Page - NXP Semiconductors LPC2212 Datasheet HTML 7Page - NXP Semiconductors LPC2212 Datasheet HTML 8Page - NXP Semiconductors LPC2212 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
1.
General description
The LPC2212/2214 are based on a 16/32-bit ARM7TDMI-S CPU with real-time emulation
and embedded trace support, together with 128/256 kB of embedded high-speed flash
memory. A 128-bit wide memory interface and a unique accelerator architecture enable
32-bit code execution at maximum clock rate. For critical code size applications, the
alternative 16-bit Thumb mode reduces code by more than 30 % with minimal
performance penalty.
With their 144-pin package, low power consumption, various 32-bit timers, 8-channel
10-bit ADC, PWM channels and up to nine external interrupt pins these microcontrollers
are particularly suitable for industrial control, medical systems, access control and
point-of-sale. Number of available fast GPIOs ranges from up to 76 pins (with external
memory) through up to 112 pins (single-chip). With a wide range of serial communications
interfaces, they are also very well suited for communication gateways, protocol converters
and embedded soft modems as well as many other general-purpose applications.
Remark: Throughout the data sheet, the term LPC2212/2214 will apply to devices with
and without the /00 or /01 suffixes. The /00 or the /01 suffix will be used to differentiate
from other devices only when necessary.
2.
Features
2.1 Key features brought by LPC2212/2214/01 devices
I Fast GPIO ports enable port pin toggling up to 3.5 times faster than the original device.
They also allow for a port pin to be read at any time regardless of its function.
I Dedicated result registers for ADC(s) reduce interrupt overhead. The ADC pads are
5 V tolerant when configured for digital I/O function(s).
I UART0/1 include fractional baud rate generator, auto-bauding capabilities and
handshake flow-control fully implemented in hardware.
I Buffered SSP serial controller supporting SPI, 4-wire SSI, and Microwire formats.
I SPI programmable data length and master mode enhancement.
I Diversified Code Read Protection (CRP) enables different security levels to be
implemented. This feature is available in LPC2212/2214/00 devices as well.
I General purpose timers can operate as external event counters.
2.2 Key features common for all devices
I 16/32-bit ARM7TDMI-S microcontroller in a LQFP144 package.
LPC2212/2214
16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with
10-bit ADC and external memory interface
Rev. 04 — 3 January 2008
Product data sheet


Similar Part No. - LPC2212

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2212 PHILIPS-LPC2212 Datasheet
185Kb / 40P
16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface
Rev. 02-23 December 2004
LPC2212 NXP-LPC2212 Datasheet
208Kb / 45P
16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2212 NXP-LPC2212 Datasheet
359Kb / 47P
Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 5-14 June 2011
LPC2212FBD101 NXP-LPC2212FBD101 Datasheet
359Kb / 47P
Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 5-14 June 2011
LPC2212FBD144 PHILIPS-LPC2212FBD144 Datasheet
185Kb / 40P
16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface
Rev. 02-23 December 2004
More results

Similar Description - LPC2212

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2292 PHILIPS-LPC2292 Datasheet
188Kb / 40P
16/32-bit ARM microcontrollers 256 kB ISP/IAP Flash with CAN, 10-bit ADC and external memory interface
Rev. 01-05 February 2004
LPC2212 PHILIPS-LPC2212 Datasheet
185Kb / 40P
16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface
Rev. 02-23 December 2004
LPC2292 PHILIPS-LPC2292_07 Datasheet
273Kb / 54P
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 06-10 December 2007
LPC2292 NXP-LPC2292 Datasheet
279Kb / 53P
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 7-4 December 2008
LPC2212 NXP-LPC2212 Datasheet
208Kb / 45P
16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2114 NXP-LPC2114_11 Datasheet
309Kb / 42P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2212 NXP-LPC2212_11 Datasheet
359Kb / 47P
Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 5-14 June 2011
LPC2114 PHILIPS-LPC2114_15 Datasheet
309Kb / 42P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2212 PHILIPS-LPC2212_15 Datasheet
359Kb / 47P
Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 5-14 June 2011
LPC2292 PHILIPS-LPC2292_15 Datasheet
456Kb / 54P
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 8-8 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com