Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2212 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC2212
Description  16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2212 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC2212 Datasheet HTML 7Page - NXP Semiconductors LPC2212 Datasheet HTML 8Page - NXP Semiconductors LPC2212 Datasheet HTML 9Page - NXP Semiconductors LPC2212 Datasheet HTML 10Page - NXP Semiconductors LPC2212 Datasheet HTML 11Page - NXP Semiconductors LPC2212 Datasheet HTML 12Page - NXP Semiconductors LPC2212 Datasheet HTML 13Page - NXP Semiconductors LPC2212 Datasheet HTML 14Page - NXP Semiconductors LPC2212 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
LPC2212_2214_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 3 January 2008
11 of 45
NXP Semiconductors
LPC2212/2214
16/32-bit ARM microcontrollers
[1]
SSP interface is available on LPC2212/01 and LPC2214/01 only.
VSS
3, 9, 26,
38, 54, 67,
79, 93,
103, 107,
111, 128
I
ground: 0 V reference
VSSA
139
I
analog ground; 0 V reference. This should nominally be the same voltage as
VSS, but should be isolated to minimize noise and error.
VSSA(PLL)
138
I
PLL analog ground; 0 V reference. This should nominally be the same voltage
as VSS, but should be isolated to minimize noise and error.
VDD(1V8)
37, 110
I
1.8 V core power supply; this is the power supply voltage for internal circuitry.
VDDA(1V8)
143
I
analog 1.8 V core power supply; this is the power supply voltage for internal
circuitry. This should be nominally the same voltage as VDD(1V8) but should be
isolated to minimize noise and error.
VDD(3V3)
2, 31, 39,
51, 57, 77,
94, 104,
112, 119
I
3.3 V pad power supply; this is the power supply voltage for the I/O ports
VDDA(3V3)
14
I
analog 3.3 V pad power supply; this should be nominally the same voltage as
VDD(3V3) but should be isolated to minimize noise and error
Table 3.
Pin description …continued
Symbol
Pin
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com