Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5166 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5166
Description  LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5166 Datasheet(HTML) 2 Page - Texas Instruments

  LM5166 Datasheet HTML 1Page - Texas Instruments LM5166 Datasheet HTML 2Page - Texas Instruments LM5166 Datasheet HTML 3Page - Texas Instruments LM5166 Datasheet HTML 4Page - Texas Instruments LM5166 Datasheet HTML 5Page - Texas Instruments LM5166 Datasheet HTML 6Page - Texas Instruments LM5166 Datasheet HTML 7Page - Texas Instruments LM5166 Datasheet HTML 8Page - Texas Instruments LM5166 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
2
LM5166
SNVSA67B – DECEMBER 2016 – REVISED JUNE 2017
www.ti.com
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Switching Characteristics .......................................... 6
6.7
Typical Characteristics .............................................. 7
7
Detailed Description ............................................ 14
7.1
Overview ................................................................. 14
7.2
Functional Block Diagram ....................................... 14
7.3
Feature Description................................................. 15
7.4
Device Functional Modes........................................ 25
8
Applications and Implementation ...................... 26
8.1
Application Information............................................ 26
8.2
Typical Applications ................................................ 26
9
Power Supply Recommendations ...................... 44
10
Layout................................................................... 44
10.1
Layout Guidelines ................................................. 44
10.2
Layout Example .................................................... 46
11
Device and Documentation Support ................. 47
11.1
Device Support...................................................... 47
11.2
Documentation Support ........................................ 47
11.3
Receiving Notification of Documentation Updates 48
11.4
Community Resources.......................................... 48
11.5
Trademarks ........................................................... 48
11.6
Electrostatic Discharge Caution ............................ 48
11.7
Glossary ................................................................ 48
12
Mechanical, Packaging, and Orderable
Information ........................................................... 48
4 Revision History
Changes from Revision A (December 2016) to Revision B
Page
•
Updated data sheet text to the latest TI documentation and translations standards ............................................................ 1
•
Changed the language of WEBENCH list item; added additional content and links for WEBENCH in data sheet .............. 1
•
Added LM5166X and LM5166Y output versions to the data sheet........................................................................................ 1
•
Replaced the body size (NOM) column with output versions in the Device Information table............................................... 1
•
Changed the Typical COT Mode Application circuit to a fixed 5-V output ............................................................................. 1
•
Changed the EN absolute maximum voltage from (VVIN + 0.3 V) to 68 V ............................................................................ 4
•
Deleted note 5 under the Absolute Maximum Ratings table ................................................................................................. 4
•
Changed the EN max operating voltage from VVIN to 65 V ................................................................................................... 4
•
Removed note 2 under the Recommended Operating Conditions......................................................................................... 4
•
Changed the IFB maximum from: 100 nA to: 25 nA ............................................................................................................... 5
•
Added Figure 13 and Figure 14.............................................................................................................................................. 8
•
Modified the Functional Block Diagram graphic ................................................................................................................... 14
•
Changed RDSON1 to RDSON2 in Equation 3 ............................................................................................................................ 17
•
Updated Equation 12 ........................................................................................................................................................... 19
•
Added a link to TI Design TIDA-01395 to the Typical Applications section ......................................................................... 26
•
Changed Design 3 to a 3.3-V fixed output, LM5166Y.......................................................................................................... 35
•
Added a new part number to CIN ref description .................................................................................................................. 35
•
Added a new part number to LF ref description.................................................................................................................... 38
•
Added the Design 5: 12-V, 300-mA COT Converter Operating from 24-V or 48-V Input section to Typical Applications... 41
•
Changed the PCB Layout and PCB Layout Guidelines section names to Layout and Layout Guidelines .......................... 44
•
Added content to the Documentation Support section ......................................................................................................... 47
Changes from Original (December 2016) to Revision A
Page
•
Changed data sheet status from product preview to production data.................................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com