Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5166 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5166
Description  LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5166 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5166 Datasheet HTML 9Page - Texas Instruments LM5166 Datasheet HTML 10Page - Texas Instruments LM5166 Datasheet HTML 11Page - Texas Instruments LM5166 Datasheet HTML 12Page - Texas Instruments LM5166 Datasheet HTML 13Page - Texas Instruments LM5166 Datasheet HTML 14Page - Texas Instruments LM5166 Datasheet HTML 15Page - Texas Instruments LM5166 Datasheet HTML 16Page - Texas Instruments LM5166 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
13
LM5166
www.ti.com
SNVSA67B – DECEMBER 2016 – REVISED JUNE 2017
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified, VIN = 12 V, VOUT = 5 V. Please refer to Typical Applications for circuit designs.
Time Scale: 50 ms/Div
CH1: VSW, 5 V/Div
CH2: VOUT, 50 mV/Div
CH4: IL, 400 mA/Div
Figure 37. No-Load Switching Waveforms
PFM Mode, ILIM = 1.25 A, Modulated
Time Scale: 20 µs/Div
CH1: VSW, 5 V/Div
CH2: VOUT, 100 mV/Div
CH4: IL, 400 mA/Div
Figure 38. Full-Load Switching Waveforms
PFM Mode, ILIM = 1.25 A, Modulated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com