Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5166DRCT Datasheet(PDF) 24 Page - Texas Instruments

Part # LM5166DRCT
Description  LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5166DRCT Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM5166DRCT Datasheet HTML 20Page - Texas Instruments LM5166DRCT Datasheet HTML 21Page - Texas Instruments LM5166DRCT Datasheet HTML 22Page - Texas Instruments LM5166DRCT Datasheet HTML 23Page - Texas Instruments LM5166DRCT Datasheet HTML 24Page - Texas Instruments LM5166DRCT Datasheet HTML 25Page - Texas Instruments LM5166DRCT Datasheet HTML 26Page - Texas Instruments LM5166DRCT Datasheet HTML 27Page - Texas Instruments LM5166DRCT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
24
LM5166
SNVSA67B – DECEMBER 2016 – REVISED JUNE 2017
www.ti.com
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
In case of an overload event such as an output short circuit, the clamping circuit discharges the soft-start
capacitor. When the short is removed, the FB voltage quickly rises until it reaches the level of the SS pin. Then,
the recovery continues under the soft-start capacitor control. Figure 50 and Figure 51 show short-circuit entry
and recovery waveforms.
Time Scale: 1 ms/Div
CH2: VOUT, 2 V/Div
CH4: IL, 200 mA/Div
Figure 50. Short-Circuit Entry
(Figure 52 Circuit)
Time Scale: 1 ms/Div
CH2: VOUT, 2 V/Div
CH4: IL, 200 mA/Div
Figure 51. Short-Circuit Recovery
(Figure 52 Circuit)
7.3.10 Thermal Shutdown
Thermal shutdown is a built-in self protection to limit junction temperature and prevent damage related to
overheating. Thermal shutdown turns off the device when the junction temperature exceeds 170°C typically to
prevent further power dissipation and temperature rise. Junction temperature decreases during thermal
shutdown, and the LM5166 restarts when the junction temperature falls to 160°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com