Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5166DRCT Datasheet(PDF) 35 Page - Texas Instruments

Part # LM5166DRCT
Description  LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5166DRCT Datasheet(HTML) 35 Page - Texas Instruments

Back Button LM5166DRCT Datasheet HTML 31Page - Texas Instruments LM5166DRCT Datasheet HTML 32Page - Texas Instruments LM5166DRCT Datasheet HTML 33Page - Texas Instruments LM5166DRCT Datasheet HTML 34Page - Texas Instruments LM5166DRCT Datasheet HTML 35Page - Texas Instruments LM5166DRCT Datasheet HTML 36Page - Texas Instruments LM5166DRCT Datasheet HTML 37Page - Texas Instruments LM5166DRCT Datasheet HTML 38Page - Texas Instruments LM5166DRCT Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
OUT
OUT
F
SW(PFM)
PK(PFM)
IN
V
V
L
1
F
I
V
§
·
˜ ¨
¸
˜
©
¹
SW
PGOOD
ILIM
VIN
EN
HYS
GND
RT
VOUT
SS
COUT
LF
4.7 PH
VIN = 4.5 V...36 V
VOUT = 3.3 V
CIN
IOUT = 0.3 A
RILIM
56.2 k:
Copyright © 2017, Texas Instruments Incorporated
47 PF
4.7 PF
U1
LM5166Y
35
LM5166
www.ti.com
SNVSA67B – DECEMBER 2016 – REVISED JUNE 2017
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.2.3 Design 3: High-Density PFM Converter Rated at 3.3 V, 0.3 A
Figure 70. Schematic for Design 3 With VIN(nom) = 24 V, VOUT = 3.3 V, IOUT(max) = 0.3 A, FSW(nom) = 600 kHz
8.2.3.1 Design Requirements
The target efficiency is 75% for loads above 10 mA based on a nominal input voltage of 24 V, an output voltage
of 3.3 V, with the emphasis on small solution size. The required input voltage range is 4.5 V to 36 V. The
LM5166 has an internally-set soft-start time of 900 µs and an adjustable peak current limit threshold. The
required components are listed in Table 6.
(1)
See Third-Party Products Disclaimer.
Table 6. List of Components for Design 3(1)
COUN
T
REF
DES
DESCRIPTION
PART NUMBER
MFR
1
CIN
Capacitor, Ceramic, 4.7 μF, 50 V, X7R, 10%, 1206
GRM31CR71H475MA12L
Murata
885012208094
Würth
1
COUT
Capacitor, Ceramic, 47 μF, 6.3 V, X5R, 10%, 1206
GRM31CR60J476KE19
Murata
1
LF
Inductor, 4.7 µH, 0.18 Ω typ, 2.2 A Isat, 1.2 mm max
TFM252012ALMA4R7TMAA
TDK
Inductor, 4.7 µH, 0.3 Ω typ, 2.1 A Isat, 1.2 mm max
Würth
Würth
1
RILIM
Resistor, Chip, 56.2 kΩ, 1/16W, 1%, 0402
Std
Std
1
U1
LM5166Y, Synchronous Buck Converter, VSON-10, 3.3-V Fixed
LM5166YDRCR
TI
8.2.3.2 Detailed Design Procedure
8.2.3.2.1
Peak Current Limit Setting – RILIM
Install a 56.2-kΩ resistor from ILIM to GND to select a 750-mA peak current limit threshold setting to meet the
rated output current of 300 mA in PFM. See Adjustable Current Limit for more detail.
8.2.3.2.2
Switching Frequency – LF
Tie RT to GND to select PFM mode of operation. The inductor, input voltage, output voltage and peak current
determine the pulse switching frequency of a PFM-configured LM5166. For a given input voltage, output voltage
and peak current, the inductance of LF sets the switching frequency when the output is in regulation. Use
Equation 28 to select an inductance of 4.7 μH based on the target PFM converter switching frequency of 600
kHz at 24-V input.
(28)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com