Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM76005RNPR Datasheet(PDF) 36 Page - Texas Instruments

Part # LM76005RNPR
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005RNPR Datasheet(HTML) 36 Page - Texas Instruments

Back Button LM76005RNPR Datasheet HTML 32Page - Texas Instruments LM76005RNPR Datasheet HTML 33Page - Texas Instruments LM76005RNPR Datasheet HTML 34Page - Texas Instruments LM76005RNPR Datasheet HTML 35Page - Texas Instruments LM76005RNPR Datasheet HTML 36Page - Texas Instruments LM76005RNPR Datasheet HTML 37Page - Texas Instruments LM76005RNPR Datasheet HTML 38Page - Texas Instruments LM76005RNPR Datasheet HTML 39Page - Texas Instruments LM76005RNPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
10.1.2 Compact Layout for EMI Reduction
Radiated EMI is generated by the high di/dt components in pulsing currents in switching converters. The larger
the area covered by the path of a pulsing current, the more electromagnetic emission is generated. The key to
minimize radiated EMI is to identify the pulsing current path and minimize the area of the path. In buck
converters, the pulsing current path is from the VIN side of the input capacitors to HS switch, to the LS switch,
and then return to the ground of the input capacitors, as shown in Figure 10-1.
SW
PVIN
PGND
PGND
C
IN
V
IN
C
OUT
V
OUT
L
High di/dt current
BUCK
CONVERTER
Figure 10-1. Buck Converter High di / dt Path
High frequency ceramic bypass capacitors at the input side provide primary path for the high di/dt components of
the pulsing current. Placing ceramic bypass capacitor or capacitors as close as possible to the PVIN and PGND
pins is the key to EMI reduction. The SW pin connecting to the inductor must be as short as possible, and just
wide enough to carry the load current without excessive heating. Short, thick traces or copper pours (shapes)
must be used for high current conduction path to minimize parasitic resistance. The output capacitors must be
placed close to the VOUT end of the inductor and closely grounded to PGND pin and exposed PAD. Place the
bypass capacitors on VCC and BIAS pins as close as possible to the pins respectively and closely grounded to
PGND and the exposed PAD.
10.1.3 Ground Plane and Thermal Considerations
TI recommends using one of the middle layers as a solid ground plane. Ground plane provides shielding for
sensitive circuits and traces. It also provides a quiet reference potential for the control circuitry. Connect the
AGND and PGND pins to the ground plane using vias right next to the bypass capacitors. PGND pins are
connected to the source of the internal LS switch; connect the PGND pins directly to the grounds of the input
and output capacitors. The PGND net contains noise at the switching frequency and can bounce due to load
variations. The PGND trace, as well as PVIN and SW traces, must be constrained to one side of the ground
plane. The other side of the ground plane contains much less noise — use for sensitive routes.
Provide adequate device heat sinking by utilizing the PAD of the device as the primary thermal path. Use a
minimum 4 x 4 array of 10-mil thermal vias to connect the PAD to the system ground plane for heat sinking.
Distribute the vias evenly under the PAD. Use as much copper as possible for system ground plane on the top
and bottom layers for the best heat dissipation. TI recommends using a four-layer board with the copper
thickness, for the four layers, starting from the top one, 2 oz / 1 oz / 1 oz / 2 oz. Four layer boards with enough
copper thickness and proper layout provides low current conduction impedance, proper shielding and lower
thermal resistance.
The thermal characteristics of the LM76005 are specified using the parameter RθJA, which characterize the
junction temperature of the silicon to the ambient temperature in a specific system. Although the value of RθJA is
dependant on many variables, it still can be used to approximate the operating junction temperature of the
device.
To obtain an estimate of the device junction temperature, you can use the following relationship:
TJ = PD × RθJA + TA
(28)
where
• TJ = junction temperature in °C
• PD = VIN × IIN × (1 − efficiency) − (1.1 × (IOUT)2× DCR)
• DCR = inductor DC parasitic resistance in Ω
LM76005
SNVSBK5A – FEBRUARY 2020 – REVISED JULY 2020
www.ti.com
36
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM76005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com