Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM76005RNPR Datasheet(PDF) 8 Page - Texas Instruments

Part # LM76005RNPR
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005RNPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM76005RNPR Datasheet HTML 4Page - Texas Instruments LM76005RNPR Datasheet HTML 5Page - Texas Instruments LM76005RNPR Datasheet HTML 6Page - Texas Instruments LM76005RNPR Datasheet HTML 7Page - Texas Instruments LM76005RNPR Datasheet HTML 8Page - Texas Instruments LM76005RNPR Datasheet HTML 9Page - Texas Instruments LM76005RNPR Datasheet HTML 10Page - Texas Instruments LM76005RNPR Datasheet HTML 11Page - Texas Instruments LM76005RNPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
6.6 Timing Characteristics
MIN
NOM
MAX
UNIT
CURRENT LIMITS AND HICCUP
NOC (1)
Number of switching cycles
before hiccup is tripped
128
Cycles
tOC
Overcurrent hiccup retry delay
time
46
ms
SOFT START (SS/TRK PIN)
tSS
Internal soft-start time
CSS = OPEN, from EN rising
edge to PGOOD rising edge
3.5
6.3
ms
POWER GOOD (PGOOD PIN) and OVERVOLTAGE PROTECTION
tPGOOD_RISE
PGOOD rising edge deglitch
delay
80
140
200
µs
tPGOOD_FALL
PGOOD falling edge deglitch
delay
80
140
200
µs
(1)
Ensured by design
6.7 Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PWM LIMITS (SW PINS)
tON-MIN
Minimum switch on-time
65
95
ns
tOFF-MIN
Minimum switch off-time
95
130
ns
tON-MAX
Maximum switch on-time
HS timeout in dropout
3.8
8
11.4
µs
OSCILLATOR (RT and SYNC PINS)
fADJ
Adjustable frequency by RT or SYNC RT =133 kΩ, 0.1%
270
300
330
kHz
fOSC
Internal oscillator frequency
RT = Open
350
400
450
kHz
VSYNC_HIGH
Sync input high level threshold
2
V
VSYNC_LOW
Sync input low level threshold
0.4
V
VMODE_HIGH
Mode input high level threshold for
FPWM
0.42
V
VMODE_LOW
Mode input low level threshold for
AUTO mode
0.4
V
tSYNC_MIN
Sync input minimum on- and off-time
80
ns
LM76005
SNVSBK5A – FEBRUARY 2020 – REVISED JULY 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM76005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com