Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC660 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMC660
Description  LMC66x CMOS Dual Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC660 Datasheet(HTML) 2 Page - Texas Instruments

  LMC660 Datasheet HTML 1Page - Texas Instruments LMC660 Datasheet HTML 2Page - Texas Instruments LMC660 Datasheet HTML 3Page - Texas Instruments LMC660 Datasheet HTML 4Page - Texas Instruments LMC660 Datasheet HTML 5Page - Texas Instruments LMC660 Datasheet HTML 6Page - Texas Instruments LMC660 Datasheet HTML 7Page - Texas Instruments LMC660 Datasheet HTML 8Page - Texas Instruments LMC660 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................2
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information LMC662..................................... 5
5.5 Thermal Information LMC660..................................... 5
5.6 Electrical Characteristics.............................................6
5.7 Typical Characteristics.............................................. 10
6 Application and Implementation.................................. 13
6.1 Application Information............................................. 13
6.2 Typical Applications.................................................. 16
6.3 Layout....................................................................... 20
7 Device and Documentation Support............................23
7.1 Receiving Notification of Documentation Updates....23
7.2 Support Resources................................................... 23
7.3 Electrostatic Discharge Caution................................23
7.4 Glossary....................................................................23
8 Revision History............................................................ 23
9 Mechanical, Packaging, and Orderable Information.. 24
4 Pin Configuration and Functions
1
OUT A
8
V+
2
±IN A
7
OUT B
3
+IN A
6
±IN B
4
V±
5
+IN B
Not to scale
Figure 4-1. LMC662 D Package, 8-Pin SOIC, and P package, 8-Pin PDIP (Top View)
Table 4-1. LMC662 Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
+IN A
3
Input
Noninverting input, channel A
–IN A
2
Input
Inverting input, channel A
+IN B
5
Input
Noninverting input, channel B
–IN B
6
Input
Inverting input, channel B
OUT A
1
Output
Output, channel A
OUT B
7
Output
Output, channel B
V+
8
Power
Positive (highest) power supply
V–
4
Power
Negative (lowest) power supply
LMC660, LMC662
SNOSC51D – MARCH 1998 – REVISED FEBRUARY 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMC660 LMC662



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com