Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC660 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMC660
Description  LMC66x CMOS Dual Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC660 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMC660 Datasheet HTML 9Page - Texas Instruments LMC660 Datasheet HTML 10Page - Texas Instruments LMC660 Datasheet HTML 11Page - Texas Instruments LMC660 Datasheet HTML 12Page - Texas Instruments LMC660 Datasheet HTML 13Page - Texas Instruments LMC660 Datasheet HTML 14Page - Texas Instruments LMC660 Datasheet HTML 15Page - Texas Instruments LMC660 Datasheet HTML 16Page - Texas Instruments LMC660 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
6 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
6.1 Application Information
6.1.1 Amplifier Topology
The topology chosen for the LMC66x, shown in Figure 6-1, is unconventional compared to general-purpose op
amps. The LMC66x incorporates novel op amp design that enables a wide input common-mode range and rail
to rail output swing even when driving a large load. The input common-mode range includes ground, making the
LMC66x an excellent choice for single supply applications. While the LMC66x supports both a wide supply and
common-mode voltage range, large input common-mode voltage can cause an increase in input bias current.
16V
Differential
Front End
Ultra-Low
Bias
Rail-to-Rail
IN+
IN
OUT
LMC66x
Figure 6-1. LMC66x Circuit Topology (Each Amplifier)
The large signal voltage gain while sourcing is comparable to traditional bipolar op amps, even with a 600Ω load.
The gain while sinking is higher than most CMOS op amps, due to the additional gain stage; however, under
heavy load (600Ω) the gain is reduced as indicated in the Electrical Characteristics.
6.1.2 Compensating Input Capacitance
The high input resistance of the LMC66x op amps allows the use of large feedback and source resistor values
without losing gain accuracy due to loading. However, the circuit can be especially sensitive to the layout when
these large-value resistors are used.
Every amplifier has some capacitance between each input and ac ground, and also some differential
capacitance between the inputs. When the feedback network around an amplifier is resistive, this input
capacitance (along with any additional capacitance due to circuit board traces, the socket, and so on) and
the feedback resistors create a pole in the feedback path. In Figure 6-2, the frequency of this pole is:
fp=  12πRPCS
(1)
where
• CS is the total capacitance at the inverting input, including amplifier input capacitance and any stray
capacitance from the IC socket (if one is used), circuit board traces, and so on.
• RP is the parallel combination of RF and RIN.
This formula, as well as the next formula, apply to inverting and noninverting op amp configurations.
When the feedback resistors are smaller than a few kΩ, the frequency of the feedback pole can be quite high,
because CS is generally less than 10pF. If the frequency of the feedback pole is much greater than the ideal
closed-loop bandwidth (the nominal closed-loop bandwidth in the absence of CS), the pole can have a negligible
effect on stability, as only a small amount of phase shift is added.
www.ti.com
LMC660, LMC662
SNOSC51D – MARCH 1998 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LMC660 LMC662



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com