Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6502MT/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LMH6502MT/NOPB
Description  LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6502MT/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMH6502MT/NOPB Datasheet HTML 10Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 11Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 12Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 13Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 14Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 15Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 16Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 17Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
t (10ns/DIV)
0
1
2
3
4
5
6
7
8
9
10
VG
GAIN
VIN= 0.3V
AVMAX= 10
RL= 100:
VG Stepped
From 0.6V
To 1.6V
2.5VPP LARGE SIGNAL
0.5VPP SMALL SIGNAL
4 ns/DIV
SS REF
LS REF
VG = VG_MID
0
0.5
1
1.5
2
2.5
-50
-150
-250
-350
VG (V)
5VPP LARGE SIGNAL
0.5VPP SMALL SIGNAL
4 ns/DIV
SS REF
LS REF
0.60 0.80 1.00 1.20
1.40 1.60 1.80 2.00
0
10
20
30
40
50
60
70
80
VG (V)
2VPP
1VPP
0.25VPP
f = 20MHz
0.60 0.80 1.00 1.20 1.40
1.60 1.80 2.00
0
10
20
30
40
50
60
70
80
90
100
VG (V)
2VPP
0.25VPP
1VPP
f = 1MHz
LMH6502
SNOSA65D – OCTOBER 2003 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: VS = ±5V, 25°C, VG = VGMAX, VCM = 0V, RF = 1kΩ, RG = 174Ω, both inputs terminated in 50Ω, RL
= 100
Ω, Typical values, results referred to device output.
THD vs. VG
THD vs. VG
Figure 51.
Figure 52.
VG Bias Current vs. VG
Step Response Plot
Figure 53.
Figure 54.
Step Response Plot
Gain vs. VG Step
Figure 55.
Figure 56.
14
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com