Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6502MT/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LMH6502MT/NOPB
Description  LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6502MT/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMH6502MT/NOPB Datasheet HTML 13Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 14Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 15Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 16Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 17Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 18Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 19Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 20Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
A(V/V) = K x
RF
RG
x
1
1 - VG
1 + e
VC
LMH6502
www.ti.com
SNOSA65D – OCTOBER 2003 – REVISED MARCH 2013
ADJUSTING OFFSET
Offset can be broken into two parts; an input-referred term and an output-referred term. The input-referred offset
shows up as a variation in output voltage as VG is changed. This can be trimmed using the circuit in Figure 59 by
placing a low frequency square wave (VLOW = 0V, VHIGH = 2V into VG with VIN = 0V, the input referred VOS term
shows up as a small square wave riding a DC value. Adjust R10 to null the VOS square wave term to zero. After
adjusting the input-referred offset, adjust R14 (with VIN = 0, VG = 0) until VOUT is zero. Finally, for inverting
applications VIN may be applied to pin 6 and the offset adjustment to pin 3. These steps will minimize the output
offset voltage. However, since the offset term itself varies with the gain setting, the correction is not perfect and
some residual output offset will remain at in-between VG's. Also, this offset trim does not improve output offset
temperature coefficient.
Figure 59. Nulling the output offset voltage
GAIN ACCURACY
Defined as the actual gain compared against the theoretical gain at a certain VG (results expressed in dB).
Theoretical gain is given by:
(4)
Where K = 1.72 (nominal) & VC = 90mV @ room temperature.
For a VG range, the value specified in the tables represents the worst case accuracy over the entire range. The
"Typical" value would be the worst case difference between the "Typical Gain" and the "Theoretical gain". The
"Max" value would be the worst case difference between the max/min gain limit and the "Theoretical gain".
GAIN MATCHING
Defined as the limit on gain variation at a certain VG (expressed in dB). Specified as "Max" only (no "Typical").
For a VG range, the value specified represents the worst case matching over the entire range. The "Max" value
would be the worst case difference between the max/min gain limit and the typical gain.
NOISE
Figure 60 describes the LMH6502's output-referred spot noise density as a function of frequency with AVMAX =
10V/V. The plot includes all the noise contributing terms. However, with both inputs terminated in 50
Ω, the input
noise contribution is minimal. At AVMAX = 10V/V, the LMH6502 has a typical input-referred spot noise density (ein)
of 7.7nV/
flat-band. For applications extending well into the flat-band region, the input RMS voltage noise can
be determined from the following single-pole model:
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMH6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com