Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTC-TC-32.768KHZ-2 Datasheet(PDF) 3 Page - Abracon Corporation

Part # AB-RTC-TC-32.768KHZ-2
Description  Real Time Clock Module with I2C Bus
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTC-TC-32.768KHZ-2 Datasheet(HTML) 3 Page - Abracon Corporation

  AB-RTC-TC-32.768KHZ-2 Datasheet HTML 1Page - Abracon Corporation AB-RTC-TC-32.768KHZ-2 Datasheet HTML 2Page - Abracon Corporation AB-RTC-TC-32.768KHZ-2 Datasheet HTML 3Page - Abracon Corporation AB-RTC-TC-32.768KHZ-2 Datasheet HTML 4Page - Abracon Corporation AB-RTC-TC-32.768KHZ-2 Datasheet HTML 5Page - Abracon Corporation AB-RTC-TC-32.768KHZ-2 Datasheet HTML 6Page - Abracon Corporation AB-RTC-TC-32.768KHZ-2 Datasheet HTML 7Page - Abracon Corporation AB-RTC-TC-32.768KHZ-2 Datasheet HTML 8Page - Abracon Corporation AB-RTC-TC-32.768KHZ-2 Datasheet HTML 9Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AB-RTC-TC-32.768kHz-2
Real Time Clock Module with I2C Bus
Revision: A 8/4/2025
Page 3
Disclaimer
lign
Check Inventory
R
Sl
lign
Request Samples
Parameters
Symbol Min. Typ. Max. Units
Notes
PowerSupply(pad6)[Note1,2] VDD 1.6 3.0 5.5 V
Operating Temperature
TOPR
-40
25
85
℃
Current consumption
IDD1
1.25
5.1
uA
VDD = 5.0V, fSCL=0Hz,
FOE=GND, /INT = VDD;;
FOUT off (High-Z); Compensation
interval 2s;
IDD2
1.0
4.9
uA
VDD = 3.0V, fSCL=0Hz,
FOE=GND, /INT = VDD;;
FOUT off (High-Z); Compensation
interval 2s;
IDD3
5.8
20
uA
VDD= 5.0V, fSCL=0Hz,
FOE=VDD, /INT = VDD;
FOUT:32.768kHz, CL=0pF;
Compensation interval 2s;
IDD4
3.8
19
uA
VDD= 3.0V, fSCL=0Hz,
FOE=VDD, /INT = VDD;
FOUT:32.768kHz, CL=0pF;
Compensation interval 2s;
I2C clock signal (pad 2)
SCL
Input voltage high-level
VIH
0.8*VDD
5.5
V
Input voltage low-level
VIL
GND-0.3
0.2*VDD
V
Input Leak Current
ILK
-0.5
0.5
uA
VIN = VDD or GND
I2C data signal (pad 13)
SDA
Input voltage high-level
VIH
0.8*VDD
5.5
V
Input voltage low-level
VIL
GND-0.3
0.2*VDD
V
Output voltage Low-level
VOL
GND
GND+0.4
V
VDD≥3.0V, IOL = 3mA
Input Leak Current
ILK
-0.5
0.5
uA
VIN = VDD or GND
Output Leak Current
IOZ
-0.5
0.5
uA
VIN = VDD or GND
Frequency Output (pad 3)
FOUT
Output voltage high-level
VOH
4.0
5.0
V
VDD=5.0V, IOH = -1mA
2.2
3.0
VDD=3.0V, IOH = -1mA
2.9
3.0
VDD=3.0V, IOH = -100uA
Output voltage low-level
VOL
GND
GND+0.5
V
VDD=5.0V, IOL = 1mA
GND
GND+0.8
VDD=3.0V, IOL = 1mA
GND
GND+0.1
VDD=3.0V, IOL = 100uA
Output Control Pin (pad 7)
FOE
Input voltage high-level
VIH
0.8*VDD
5.5
V
Input voltage low-level
VIL
GND-0.3
0.2*VDD
V
Input Leak Current
ILK
-0.5
0.5
uA
VIN = VDD or GND
Output Control Pin (pad 10)
/INT
Output voltage low-level
VOL
GND
GND+0.25
V
VDD=5.0V, IOL = 1mA
GND
GND+0.4
VDD=3.0V, IOL = 1mA
Output Leak Current
IOZ
-0.5
0.5
uA
VIN = VDD or GND
DC Characteristics (Unless otherwise specified, GND=0V, VBAT=VDD=1.2~5.5V, VIO=1.6V ~5.5V, Ta=-40
℃~+85℃)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com