Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTC-TC-32.768KHZ-2 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AB-RTC-TC-32.768KHZ-2
Description  Real Time Clock Module with I2C Bus
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTC-TC-32.768KHZ-2 Datasheet(HTML) 2 Page - Abracon Corporation

  AB-RTC-TC-32.768KHZ-2 Datasheet HTML 1Page - Abracon Corporation AB-RTC-TC-32.768KHZ-2 Datasheet HTML 2Page - Abracon Corporation AB-RTC-TC-32.768KHZ-2 Datasheet HTML 3Page - Abracon Corporation AB-RTC-TC-32.768KHZ-2 Datasheet HTML 4Page - Abracon Corporation AB-RTC-TC-32.768KHZ-2 Datasheet HTML 5Page - Abracon Corporation AB-RTC-TC-32.768KHZ-2 Datasheet HTML 6Page - Abracon Corporation AB-RTC-TC-32.768KHZ-2 Datasheet HTML 7Page - Abracon Corporation AB-RTC-TC-32.768KHZ-2 Datasheet HTML 8Page - Abracon Corporation AB-RTC-TC-32.768KHZ-2 Datasheet HTML 9Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AB-RTC-TC-32.768kHz-2
Real Time Clock Module with I2C Bus
Revision: A 8/4/2025
Page 2
Disclaimer
lign
Check Inventory
R
Sl
lign
Request Samples
Parameters
Symbol Min. Typ. Max. Units Notes
Frequency stability
∆f/f −3.4
+3.4
ppm -40℃to+85℃
Oscillation start time
tSTA
1
s
@25℃
Year Aging
fa
±3
ppm
First year@25℃
Temperature Sensor Accuracy
Temp
±5
℃
VDD=3.0V
FOUT duty cycle`
Tw/t
40
50
60
%
Frequency Characteristics (Unless otherwise specified, GND=0V,VDD = 2.5V ~ 5.5V, Ta=-40
℃~+85℃)
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com