Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM01 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STPM01 Datasheet HTML 47Page - STMicroelectronics STPM01 Datasheet HTML 48Page - STMicroelectronics STPM01 Datasheet HTML 49Page - STMicroelectronics STPM01 Datasheet HTML 50Page - STMicroelectronics STPM01 Datasheet HTML 51Page - STMicroelectronics STPM01 Datasheet HTML 52Page - STMicroelectronics STPM01 Datasheet HTML 53Page - STMicroelectronics STPM01 Datasheet HTML 54Page - STMicroelectronics STPM01 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
STPM01
STPM01 calibration
Doc ID 10853 Rev 8
51/60
As shown in Table 18, only analog parameter are object of calibration because introduce a
certain error. Voltage ADC amplification Av is constant, while Ai is chosen according to used
sensors.
The calibration algorithm will firstly calculate the voltage divider ratio and, as final result, the
correction parameters, called Kv and Ki, which applied to STPM01 voltage and current
measures compensate small tolerances of analog components that affect energy
calculation.
Since Kv and Ki calibration parameters are the decimal representation of the corresponding
configuration bytes CHV and CHP or CHS (respectively voltage channel, primary current
channel and secondary current channel calibration bytes), at the end of calibration CHV and
CHP or CHS (according to the current channel under calibration, primary or secondary
respectively) bits' values are obtained.
In the following procedure CHV, CHP and CHS will be indicated as Cv and Ci.
Through hardwired formulas Kv and Ki tune measured values varying from 0,75 to 1 in 256
steps, according to the value of Cv and Ci (from 0 to 255).
To obtain the greatest correction dynamic initially calibrators are set in the middle of the
range, thus obtaining a calibration range of 12.5 % per voltage or current channel:
Calibrator’s value
Kv = Ki = 0.875
Ci = Cv = 128
In this way it is possible to tune Kv and Ki having a precise measured: for example Cv = 0
generates a correction factor of -12.5 % (Kv = 0.75) and Cv = 255 determines a correction
factor of +12.5 % (Kv = 1), and so on.
According to what pointed out above, the following formulas, which relate Kv, i and Cv, i are
obtained:
Kv,i = (Cv,i/128) * 0.125 + 0.75
Cv,i = 1024 * Kv,i - 768.
The calibration procedure will output Cv and Ci values that will allow the above power
sensitivity of the meter.
This sensitivity is used to calculate target frequency at LED pin for nominal voltage and
current values:
XF = f * 64;
with:
f = PM * In * Vn / 3600000;
From values above and for both chosen amplification factor AI=32 and initial calibration data,
the following target values can be calculated:
Target RMS reading for given In:
XI = In * KS * AI * Ki * GINT * GDF * GDIF * BI / (VBG * 1000) = 1573
Target RMS reading for given Vn:
XV = f * BV * BI * DUD / (fM * XI) = 852
The output of the voltage divider is then:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com