Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM01 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPM01 Datasheet HTML 7Page - STMicroelectronics STPM01 Datasheet HTML 8Page - STMicroelectronics STPM01 Datasheet HTML 9Page - STMicroelectronics STPM01 Datasheet HTML 10Page - STMicroelectronics STPM01 Datasheet HTML 11Page - STMicroelectronics STPM01 Datasheet HTML 12Page - STMicroelectronics STPM01 Datasheet HTML 13Page - STMicroelectronics STPM01 Datasheet HTML 14Page - STMicroelectronics STPM01 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
STPM01
Electrical characteristics
Doc ID 10853 Rev 8
11/60
5
Electrical characteristics
VCC = 5 V, TA = 25 °C, 100 nF to 1 uF between VDDA and VSS, 100 nF to 1 uF between VDDD
and VSS, 100 nF to 1 uF between VCC and VSS unless otherwise specified.
Table 7.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Energy measurement accuracy
fBW
Effective bandwidth
Limited by digital filtering
5
400
Hz
eAW
Accuracy of active power
Over 1 to 1000 of dynamic
range
0.1
%
eRW
Accuracy of reactive power
Over 1 to 1000 of dynamic
range
0.1
%
eSW
Accuracy of apparent power
Over 1 to 500 of dynamic range
0.1
%
SNR
Signal to noise ratio
Over the entire bandwidth
52
db
PSRRDC Power supply DC rejection
Voltage signal: 200 mVrms/50Hz
Current signal: 10 mVrms/50Hz
fCLK= 4.194 MHz
VCC=3.3V±10%, 5V±10%
0.2
%
PSRRAC Power supply AC rejection
Voltage signal: 200 mVrms/50Hz
Current signal: 10 mVrms/50Hz
fCLK= 4.194 MHz
VCC=3.3V+0.2Vrms1@100Hz
VCC=5.0V+0.2Vrms1@100Hz
0.1
%
General section
VCC
Operating supply voltage
3.165
5.5
V
ICC
Supply current configuration
registers cleared or device
locked (TSTD=1)
4 MHz, VCC = 5V
3
4
mA
8 MHz, VCC = 5V
5
6
ΔI
CC
Increase of supply current per
configuration bit, during
programming
4 MHz, VCC = 5V
120
µA/bit
Increase of supply current per
configuration bit with device
locked
4 MHz, VCC = 5V
2
POR
Power on reset on VCC
2.5
V
VDDA
Analog supply voltage
2.85
3.0
3.15
V
VDDD
Digital supply voltage
1.425
1.50
1.575
V
fCLK
Oscillator clock frequency
MDIV bit = 0
4.000
4.194
MHz
MDIV bit = 1
8.000
8.192
MHz
fLINE
Nominal line frequency
45
65
Hz
VOTP
OTP programming voltage
14
20
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com