Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM11ATR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPM11ATR
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM11ATR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPM11ATR Datasheet HTML 7Page - STMicroelectronics STPM11ATR Datasheet HTML 8Page - STMicroelectronics STPM11ATR Datasheet HTML 9Page - STMicroelectronics STPM11ATR Datasheet HTML 10Page - STMicroelectronics STPM11ATR Datasheet HTML 11Page - STMicroelectronics STPM11ATR Datasheet HTML 12Page - STMicroelectronics STPM11ATR Datasheet HTML 13Page - STMicroelectronics STPM11ATR Datasheet HTML 14Page - STMicroelectronics STPM11ATR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
STPM11, STPM12, STPM13, STPM14
Electrical characteristics
Doc ID 13167 Rev 8
11/46
RP
External resistor
1
4
M
Ω
CP
External capacitors
22
pF
fCLK
Nominal output frequency
44.194
MHz
88.192
RC Oscillator (STPM11/13)
ICLKIN
Settling current
fCLK = 4 MHz
40
60
µA
RSET
Settling resistor
12
k
Ω
tJIT
Frequency jitter
1
ns
On chip reference voltage
VREF
Reference voltage
1.23
V
Reference accuracy
±1
%
TC
Temperature coefficient
After calibration
30
50
ppm/°C
Configuration interface timing
FSCLKw Data write speed
100
kHz
tDS
Data setup time
20
ns
tDH
Data hold time
0
ns
tSYN
SYN-NP active width
2/fCLK
s
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 6.
Typical external components
Function
Component
Parameter
Value
Tolerance
Unit
Line voltage
interface
Resistor divider
R to R ratio VRMS = 230 V
1650
±1%
V/V
R to R ratio VRMS = 110 V
830
±1%
Line current
interface
Current shunt
Current to voltage conversion ratio
0.2
±5%
mV/A
Current transformer
30
±12%
Rogowsky coil
3
±12%
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com