Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM11ATR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STPM11ATR
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM11ATR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STPM11ATR Datasheet HTML 12Page - STMicroelectronics STPM11ATR Datasheet HTML 13Page - STMicroelectronics STPM11ATR Datasheet HTML 14Page - STMicroelectronics STPM11ATR Datasheet HTML 15Page - STMicroelectronics STPM11ATR Datasheet HTML 16Page - STMicroelectronics STPM11ATR Datasheet HTML 17Page - STMicroelectronics STPM11ATR Datasheet HTML 18Page - STMicroelectronics STPM11ATR Datasheet HTML 19Page - STMicroelectronics STPM11ATR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Theory of operation
STPM11, STPM12, STPM13, STPM14
16/46
Doc ID 13167 Rev 8
The Table 8 and Table 9 below show the gain values according to the configuration bits:
Both the voltage and current channels implement an active offset correction architecture
which has the benefit of avoiding any offset compensation.
The analog voltage and current signals are processed by the
∑ Δ Analog to digital
converters that feed the hardwired DSP. The DSP implements an automatic digital offset
cancellation that makes possible avoiding any manual offset calibration on the analog
inputs.
7.3
∑Δ A/D Converters
The analog to digital conversion in the STPM1X is carried out using two first order
∑ Δ
converters. The device performs A/D conversions of analog signals on two independent
channels in parallel. In STPM13/14, the current channel is multiplexed as primary or
secondary current channel in order to be able to perform a tamper function. The converted
∑ Δ signals are supplied to the internal hardwired DSP unit, which filters and integrates
those signals in order to boost the resolution and to yield all the necessary signals for
computations.
Table 8.
Configuration of current sensors
STPM11/12
Current channel
Configuration Bits
Gain
Sensor
PST (2bits)
ADDG (1 bit)
8
Rogowsky Coil
00
16
0
1
24
1
0
32
1
1
8CT
2
x
32
Shunt
3
x
Table 9.
Configuration of current sensors
STPM13/14
Primary
Secondary
Configuration Bits
Gain
Sensor
Gain
Sensor
PST (2bits)
ADDG (1 bit)
8
Rogowsky Coil
8
Rogowsky Coil
00
16
16
0
1
24
24
1
0
32
32
1
1
8
CT
8CT
2
x
8
32
Shunt
3
x
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com