Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L40 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS1L40
Description  40 V, 1 A low drop power Schottky rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L40 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS1L40 Datasheet HTML 1Page - STMicroelectronics STPS1L40 Datasheet HTML 2Page - STMicroelectronics STPS1L40 Datasheet HTML 3Page - STMicroelectronics STPS1L40 Datasheet HTML 4Page - STMicroelectronics STPS1L40 Datasheet HTML 5Page - STMicroelectronics STPS1L40 Datasheet HTML 6Page - STMicroelectronics STPS1L40 Datasheet HTML 7Page - STMicroelectronics STPS1L40 Datasheet HTML 8Page - STMicroelectronics STPS1L40 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
•
Very small conduction losses
•
Negligible switching losses
•
Low forward voltage drop
•
Surface mount miniature packages
•
Avalanche rated
•
ECOPACK2 compliant
Applications
•
Reverse polarity protection
•
Set-top box power supply
•
TV power supply
•
Battery charger
Description
Single chip Schottky rectifiers suited to switched mode power supplies and high
frequency DC to DC converters.
Packaged in SMA, SMA Flat Notch, SMB and SOD123Flat, the STPS1L40 is ideal
for use in surface mounting and used in low voltage, high frequency inverters, free-
wheeling and polarity protection applications.
Product status
STPS1L40
Product summary
Symbol
Value
IF(AV)
1 A
VRRM
40 V
T j(max.)
175 °C
VF(typ.)
0.37 V
40 V, 1 A low drop power Schottky rectifier
STPS1L40
Datasheet
DS1244 - Rev 9 - September 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS1L40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1L40 STMICROELECTRONICS-STPS1L40 Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS1L40 STMICROELECTRONICS-STPS1L40 Datasheet
48Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS1L40-Y STMICROELECTRONICS-STPS1L40-Y Datasheet
113Kb / 9P
Automotive low drop power Schottky rectifier
21-Oct-2011
STPS1L40-Y STMICROELECTRONICS-STPS1L40-Y Datasheet
399Kb / 13P
Automotive low drop power Schottky rectifier
01-Oct-2016
STPS1L40-Y STMICROELECTRONICS-STPS1L40-Y_V01 Datasheet
399Kb / 13P
Automotive low drop power Schottky rectifier
01-Oct-2016
More results

Similar Description - STPS1L40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4010ETP PHILIPS-PMEG4010ETP Datasheet
166Kb / 14P
40 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 1-5 October 2011
PMEG4010EPK PHILIPS-PMEG4010EPK_15 Datasheet
1Mb / 14P
40 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 2-6 March 2012
PMEG4010ESB NXP-PMEG4010ESB Datasheet
204Kb / 14P
40 V, 1 A low VF MEGA Schottky barrier rectifier
24 June 2015
logo
STMicroelectronics
STPS80H100C-Y STMICROELECTRONICS-STPS80H100C-Y Datasheet
202Kb / 9P
Automotive 100 V, dual 40 A low voltage drop power Schottky rectifier
23-Aug-2021
logo
Nexperia B.V. All right...
PMEG4010EH-Q NEXPERIA-PMEG4010EH-Q Datasheet
185Kb / 8P
40 V, 1 A very low VF Schottky barrier rectifier
1 October 2022
PMEG4010EP-Q NEXPERIA-PMEG4010EP-Q Datasheet
254Kb / 12P
40 V, 1 A low VF Schottky barrier rectifier
20 February 2023
PMEG4010ER-Q NEXPERIA-PMEG4010ER-Q Datasheet
259Kb / 12P
40 V, 1 A low VF Schottky barrier rectifier
16 November 2022
PMEG4010CEGW-Q NEXPERIA-PMEG4010CEGW-Q Datasheet
267Kb / 11P
40 V, 1 A low VF Schottky barrier rectifier
30 March 2022
PMEG4010EP NEXPERIA-PMEG4010EP Datasheet
254Kb / 12P
40 V, 1 A low VF Schottky barrier rectifier
20 February 2023
PMEG4010ER NEXPERIA-PMEG4010ER Datasheet
282Kb / 13P
40 V, 1 A low VF Schottky barrier rectifier
1 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com