Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L40A Datasheet(PDF) 14 Page - STMicroelectronics

Part # STPS1L40A
Description  40 V, 1 A low drop power Schottky rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L40A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STPS1L40A Datasheet HTML 8Page - STMicroelectronics STPS1L40A Datasheet HTML 9Page - STMicroelectronics STPS1L40A Datasheet HTML 10Page - STMicroelectronics STPS1L40A Datasheet HTML 11Page - STMicroelectronics STPS1L40A Datasheet HTML 12Page - STMicroelectronics STPS1L40A Datasheet HTML 13Page - STMicroelectronics STPS1L40A Datasheet HTML 14Page - STMicroelectronics STPS1L40A Datasheet HTML 15Page - STMicroelectronics STPS1L40A Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
3
Ordering information
Table 8. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STPS1L40U
GC4
SMB
107 mg
2500
Tape and reel
STPS1L40A
GB4
SMA
68 mg
5000
Tape and reel
STPS1L40AFN
A14
SMA Flat Notch
39 mg
10 000
Tape and reel
STPS1L40ZF
1L4
SOD123Flat
12.5 mg
3000
Tape and reel
STPS1L40
Ordering information
DS1244 - Rev 9
page 14/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com