Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L40A Datasheet(PDF) 15 Page - STMicroelectronics

Part # STPS1L40A
Description  40 V, 1 A low drop power Schottky rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L40A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STPS1L40A Datasheet HTML 8Page - STMicroelectronics STPS1L40A Datasheet HTML 9Page - STMicroelectronics STPS1L40A Datasheet HTML 10Page - STMicroelectronics STPS1L40A Datasheet HTML 11Page - STMicroelectronics STPS1L40A Datasheet HTML 12Page - STMicroelectronics STPS1L40A Datasheet HTML 13Page - STMicroelectronics STPS1L40A Datasheet HTML 14Page - STMicroelectronics STPS1L40A Datasheet HTML 15Page - STMicroelectronics STPS1L40A Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Revision history
Table 9. Document revision history
Date
Revision Changes
Jul-2003
4A
Last update.
Aug-2004
5
SMA package dimensions update. Reference A1 max. changed from 2.70 mm (0.106 inch.) to 2.03
mm (0.080).
24-Jun-2009
6
Added STmite flat package.
01-Jul-2016
7
STmite flat package information removed.
Added SOD123Flat package.
03-Dec-2018
8
Updated Section Features and Table 1. Absolute ratings (limiting values at 25 °C, unless otherwise
specified).
27-Sep-2019
9
Added Section 2.3 SMA Flat Notch package information.
STPS1L40
DS1244 - Rev 9
page 15/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com