Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L60A Datasheet(PDF) 15 Page - STMicroelectronics

Part # STPS1L60A
Description  60 V, 1 A low drop power Schottky rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L60A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STPS1L60A Datasheet HTML 11Page - STMicroelectronics STPS1L60A Datasheet HTML 12Page - STMicroelectronics STPS1L60A Datasheet HTML 13Page - STMicroelectronics STPS1L60A Datasheet HTML 14Page - STMicroelectronics STPS1L60A Datasheet HTML 15Page - STMicroelectronics STPS1L60A Datasheet HTML 16Page - STMicroelectronics STPS1L60A Datasheet HTML 17Page - STMicroelectronics STPS1L60A Datasheet HTML 18Page - STMicroelectronics STPS1L60A Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
2.5
STmiteFlat package information
•
Epoxy meets UL 94,V0
Figure 26. STmite Flat package outline
FRONT VIEW
TOP VIEW
E
E1
1
1
D
BOTTOM VIEW
L
b
L3
RIGHT VIEW
C
b2
L2
L1
A
Table 8. STmite Flat package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
0.85
0.95
0.031
0.033
0.037
b
0.40
0.55
0.65
0.016
0.022
0.026
b2
0.70
0.85
1.00
0.027
0.033
0.039
c
0.10
0.15
0.25
0.004
0.006
0.009
D
1.75
1.90
2.05
0.069
0.075
0.081
E
3.60
3.80
3.90
0.142
0.150
0.154
E1
2.80
2.95
3.10
0.110
0.116
0.122
L
0.50
0.55
0.80
0.020
0.022
0.031
L1
2.10
2.40
2.60
0.083
0.094
0.102
L2
0.45
0.60
0.75
0.018
0.024
0.030
L3
0.20
0.35
0.50
0.008
0.014
0.020
STPS1L60
STmite Flat package information
DS2133 - Rev 12
page 15/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com