Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L60A Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS1L60A
Description  60 V, 1 A low drop power Schottky rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L60A Datasheet(HTML) 2 Page - STMicroelectronics

  STPS1L60A Datasheet HTML 1Page - STMicroelectronics STPS1L60A Datasheet HTML 2Page - STMicroelectronics STPS1L60A Datasheet HTML 3Page - STMicroelectronics STPS1L60A Datasheet HTML 4Page - STMicroelectronics STPS1L60A Datasheet HTML 5Page - STMicroelectronics STPS1L60A Datasheet HTML 6Page - STMicroelectronics STPS1L60A Datasheet HTML 7Page - STMicroelectronics STPS1L60A Datasheet HTML 8Page - STMicroelectronics STPS1L60A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
60
V
IF(RMS) Forward rms current
SMA/DO-41
10
A
STmite flat
2
IF(AV)
Average forward current δ = 0.5, square wave
SMA
TL = 155 °C
1
A
SMA Flat Notch
TL = 160 °C
DO-41
TL = 145 °C
SOD123 Flat
TL = 160 °C
STmite flat
TC = 160 °C
IFSM
Surge non repetitive forward current
SMA, DO-41, STmite flat
tp = 10 ms sinusoidal
40
A
SMA Flat Notch
60
SOD123 Flat
50
PARM
Repetitive peak avalanche power
tp = 10 µs, Tj = 125 °C
85
W
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature(1)
+175
°C
1. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 2. Thermal resistance parameters
Symbol
Parameter
Max. value
Unit
Rth(j-l)
Junction to lead
SMA
30
°C/W
SMA Flat Notch
20
DO-41/lead length = 10 mm
45
SOD123 Flat
20
Rth(j-c)
Junction to case
STmite flat
20
For more information, please refer to the following application note :
•
AN5088 : Rectifiers thermal management, handling and mounting recommendations
Table 3. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
50
µA
Tj = 100 °C
-
1.5
5
mA
Tj = 125 °C
-
5.6
21
STPS1L60
Characteristics
DS2133 - Rev 12
page 2/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com