Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L60RL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS1L60RL
Description  60 V, 1 A low drop power Schottky rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L60RL Datasheet(HTML) 1 Page - STMicroelectronics

  STPS1L60RL Datasheet HTML 1Page - STMicroelectronics STPS1L60RL Datasheet HTML 2Page - STMicroelectronics STPS1L60RL Datasheet HTML 3Page - STMicroelectronics STPS1L60RL Datasheet HTML 4Page - STMicroelectronics STPS1L60RL Datasheet HTML 5Page - STMicroelectronics STPS1L60RL Datasheet HTML 6Page - STMicroelectronics STPS1L60RL Datasheet HTML 7Page - STMicroelectronics STPS1L60RL Datasheet HTML 8Page - STMicroelectronics STPS1L60RL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Features
•
Negligible switching losses
•
Low forward voltage drop
•
Surface mount miniature packages
•
Avalanche rated
•
ECOPACK2 compliant
Applications
•
Lighting
•
Desktop power supply
•
Battery charger
•
Set top box
•
Auxiliary power
Description
Axial and surface mount power Schottky rectifiers suited to switched mode power
supplies and high frequency DC to DC converters.
Packaged in SMA, SMA Flat Notch, STmite flat, DO-41 and SOD123Flat, the
STPS1L60 is ideal for use in low voltage, high frequency inverters and small battery
chargers.
Product status
STPS1L60
Product summary
Symbol
Value
IF(AV)
1 A
VRRM
60 V
T j(max.)
175 °C
VF(typ.)
0.50 V
60 V, 1 A low drop power Schottky rectifier
STPS1L60
Datasheet
DS2133 - Rev 12 - September 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS1L60RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1L60RL STMICROELECTRONICS-STPS1L60RL Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS1L60RL STMICROELECTRONICS-STPS1L60RL Datasheet
73Kb / 6P
POWER SCHOTTKY RECTIFIER
REV. 6
More results

Similar Description - STPS1L60RL

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125613 SENSITRON-SHD125613 Datasheet
84Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop (60 V, 35A)
logo
NXP Semiconductors
PMEG6010ELR PHILIPS-PMEG6010ELR_15 Datasheet
216Kb / 15P
60 V, 1 A low leakage current Schottky barrier rectifier
3 June 2014
logo
Nexperia B.V. All right...
PMEG6010AESB NEXPERIA-PMEG6010AESB Datasheet
699Kb / 15P
60 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG6010ELR NEXPERIA-PMEG6010ELR Datasheet
241Kb / 14P
60 V, 1 A low leakage current Schottky barrier rectifier
PMEG6010ESB NEXPERIA-PMEG6010ESB Datasheet
743Kb / 15P
60 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG6010CEGW-Q NEXPERIA-PMEG6010CEGW-Q Datasheet
226Kb / 10P
60 V, 1 A Low VF Schottky barrier rectifier
13 October 2022
PMEG6010CEH NEXPERIA-PMEG6010CEH Datasheet
190Kb / 9P
60 V, 1 A very low VF Schottky barrier rectifier
5 January 2023
PMEG6010ER-Q NEXPERIA-PMEG6010ER-Q Datasheet
264Kb / 13P
60 V, 1 A low VF Schottky barrier rectifier
16 November 2022
PMEG6010CEJ NEXPERIA-PMEG6010CEJ Datasheet
885Kb / 8P
60 V, 1 A very low VF Schottky barrier rectifier
1 January 2023
PMEG6010EP NEXPERIA-PMEG6010EP Datasheet
256Kb / 12P
60 V, 1 A low VF Schottky barrier rectifier
20 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com