Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L60RL Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPS1L60RL
Description  60 V, 1 A low drop power Schottky rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L60RL Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPS1L60RL Datasheet HTML 8Page - STMicroelectronics STPS1L60RL Datasheet HTML 9Page - STMicroelectronics STPS1L60RL Datasheet HTML 10Page - STMicroelectronics STPS1L60RL Datasheet HTML 11Page - STMicroelectronics STPS1L60RL Datasheet HTML 12Page - STMicroelectronics STPS1L60RL Datasheet HTML 13Page - STMicroelectronics STPS1L60RL Datasheet HTML 14Page - STMicroelectronics STPS1L60RL Datasheet HTML 15Page - STMicroelectronics STPS1L60RL Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
2.3
DO-41 package information
•
Epoxy meets UL 94, V0
Figure 23. DO-41 package outline
ØB
ØD
A
C
C
Table 6. DO-41 package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.07
-
5.20
0.160
-
0.205
B
2.04
-
2.71
0.080
-
0.107
C
25.40
-
1.000
-
D
0.71
-
0.86
0.028
-
0.0034
STPS1L60
DO-41 package information
DS2133 - Rev 12
page 12/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com