Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2005 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA2005
Description  20 W bridge/stereo amplifier for car radio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2005 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA2005_V01 Datasheet HTML 16Page - STMicroelectronics TDA2005_V01 Datasheet HTML 17Page - STMicroelectronics TDA2005_V01 Datasheet HTML 18Page - STMicroelectronics TDA2005_V01 Datasheet HTML 19Page - STMicroelectronics TDA2005_V01 Datasheet HTML 20Page - STMicroelectronics TDA2005_V01 Datasheet HTML 21Page - STMicroelectronics TDA2005_V01 Datasheet HTML 22Page - STMicroelectronics TDA2005_V01 Datasheet HTML 23Page - STMicroelectronics TDA2005_V01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Application information
TDA2005
20/25
Doc ID 1451 Rev 6
Figure 33.
Bridge amplifier circuit suited for low-gain applications (GV = 34 dB)
Figure 34.
Example of muting circuit
4.1
Built-in protection systems
4.1.1
Load dump voltage surge
The TDA2005 has a circuit which enables it to withstand voltage pulse train, on Pin 9, of the
type shown in Figure 36. If the supply voltage peaks to more than 40 V, then an LC filter
must be inserted between the supply and pin 9, in order to assure that the pulses at pin 9
will be held within the limits shown.
A suggested LC network is shown in Figure 35. With this network, a train of pulses with
amplitude up to 120 V and width of 2 ms can be applied at point A. This type of protection is
ON when the supply voltage (pulse or DC) exceeds 18 V. For this reason the maximum
operating supply voltage is 18 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com