Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6586VS/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LMH6586VS/NOPB
Description  LMH6586 32x16 Video Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6586VS/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH6586VS/NOPB Datasheet HTML 9Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 10Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 11Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 12Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 13Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 14Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 15Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 16Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
INPUT
10 mV/DIV
25 ns/DIV
OUTPUT
20 mV/DIV
AV = 2V/V
RL = 150:
INPUT
10 mV/DIV
25 ns/DIV
OUTPUT
10 mV/DIV
AV = 1V/V
CL = 30 pF
INPUT
10 mV/DIV
25 ns/DIV
OUTPUT
20 mV/DIV
AV = 2V/V
RL = 1 k:
INPUT
10 mV/DIV
25 ns/DIV
OUTPUT
10 mV/DIV
AV = 1V/V
RL = 150:
10
100
1M
10M
100M
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
FREQUENCY (Hz)
AV = 2V/V
RL = 150:
INPUT
10 mV/DIV
25 ns/DIV
OUTPUT
10 mV/DIV
AV = 1V/V
RL = 1 k:
LMH6586
www.ti.com
SNCS105D – JULY 2008 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, VDD = 5V, REXT = 10 kΩ 1%, RL = 150Ω, CL = 12 pF. Small Signal Input Signal = 20
mVPP, Medium Signal Input Signal = 200 mVPP , Large Signal Input Signal = 750 mVPP
Off Isolation
Small Signal Pulse Response
Figure 21.
Figure 22.
Small Signal Pulse Response
Small Signal Pulse Response
Figure 23.
Figure 24.
Small Signal Pulse Response
Small Signal Pulse Response with Capacitive Load
Figure 25.
Figure 26.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH6586



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com