Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6586VS/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LMH6586VS/NOPB
Description  LMH6586 32x16 Video Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6586VS/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6586VS/NOPB Datasheet HTML 4Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 5Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 6Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 7Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 8Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 9Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 10Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 11Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LMH6586
SNCS105D – JULY 2008 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
(1)
(continued)
Unless otherwise specified, all limits ensured for TA = 25°C, VDD = 5V, REXT = 10 kΩ 1%, VREF_CLAMP = 300 mV, RL =
150
Ω, CL = 12 pF.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CT
Adjacent CH Crosstalk
f = 6 MHz, AV = 2 V/V
−58
dB
Off Iso
Input-Output Off-Isolation
f = 6 MHz, AV = 2 V/V
−70
dB
DG
Differential Gain Error for NTSC
AV = 2 V/V, 3.5 MHz
0.05
%
DP
Differential Phase Error for NTSC
AV = 2 V/V, 3.5 MHz
0.05
deg
I2C Interface and Digital Pin Logic Levels
VIL
Low Input Voltage
1.5
V
VIH
High Input Voltage
3.3
V
IIN
Input Current
±1
µA
VOL
Low Output Voltage
IOL = 3 mA
0.5
V
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMH6586



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com