Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV341 Datasheet(PDF) 10 Page - Texas Instruments

Part # LMV341
Description  LMV34x Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV341 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV341_V01 Datasheet HTML 6Page - Texas Instruments LMV341_V01 Datasheet HTML 7Page - Texas Instruments LMV341_V01 Datasheet HTML 8Page - Texas Instruments LMV341_V01 Datasheet HTML 9Page - Texas Instruments LMV341_V01 Datasheet HTML 10Page - Texas Instruments LMV341_V01 Datasheet HTML 11Page - Texas Instruments LMV341_V01 Datasheet HTML 12Page - Texas Instruments LMV341_V01 Datasheet HTML 13Page - Texas Instruments LMV341_V01 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
5.9 Typical Characteristics (continued)
0.001
0.01
0.1
1
10
VO − Output Voltage Referenced to V− (V)
V+ = 2.7 V
125 C
°
−40 C
°
85 C
°
25 C
°
0.01
0.1
1
10
100
1000
Figure 5-7. Sink Current vs Output Voltage
0.001
0.01
0.1
1
10
VO − Output Voltage Referenced to V− (V)
V+ = 5 V
125 C
°
−40 C
°
85 C
°
25 C
°
0.01
0.1
1
10
100
1000
Figure 5-8. Sink Current vs Output Voltage
−0.2
0.8
1.8
2.8
VIC − Common-Mode Voltage − V
V+ = 2.7 V
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
−40 C
°
25 C
°
85 C
°
125 C
°
Figure 5-9. Offset Voltage vs Common-Mode Voltage
−0.2
0.8
1.8
2.8
3.8
4.8
5.8
VIC − Common-Mode Voltage − V
V+ = 5 V
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
−40 C
°
25 C
°
85 C
°
125 C
°
Figure 5-10. Offset Voltage vs Common-Mode Voltage
VO − Output Voltage − V
−3
−2
−1
0
1
2
3
V+ /GND = ±2.5 V
RL = 2 kΩ
RL = 10 kΩ
−300
−200
−100
0
100
200
300
Figure 5-11. Input Voltage vs Output Voltage
VO − Output Voltage − V
−1.5
−1
−0.5
0
0.5
1
1.5
V+ /GND = ±1.35 V
RL = 2 kΩ
RL = 10 kΩ
−300
−200
−100
0
100
200
300
Figure 5-12. Input Voltage vs Output Voltage
LMV341, LMV342, LMV344
SLOS447J – SEPTEMBER 2004 – REVISED JUNE 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMV341 LMV342 LMV344



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com