Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV341 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV341
Description  LMV34x Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV341 Datasheet(HTML) 1 Page - Texas Instruments

  LMV341_V01 Datasheet HTML 1Page - Texas Instruments LMV341_V01 Datasheet HTML 2Page - Texas Instruments LMV341_V01 Datasheet HTML 3Page - Texas Instruments LMV341_V01 Datasheet HTML 4Page - Texas Instruments LMV341_V01 Datasheet HTML 5Page - Texas Instruments LMV341_V01 Datasheet HTML 6Page - Texas Instruments LMV341_V01 Datasheet HTML 7Page - Texas Instruments LMV341_V01 Datasheet HTML 8Page - Texas Instruments LMV341_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
LMV34x Rail-to-Rail Output CMOS Operational Amplifiers
With Shutdown
1 Features
• 2.7V and 5V performance
• Rail-to-rail output swing
• Input bias current:1pA (typical)
• Input offset voltage: 0.25mV (typical)
• Low supply current: 100μA (typical)
• Low shutdown current: 45pA (typical)
• Gain bandwidth of 1MHz (typical)
• Slew rate: 1V/μs (typical)
• Turn-on time from shutdown: 5μs (typical)
• Input referred voltage noise (at 10kHz): 20nV/√ Hz
• ESD protection exceeds JESD 22:
– 2000V Human-Body Model (HBM)
– 750V Charged-device model (CDM)
2 Applications
• Cordless and cellular phones
• Consumer electronics (laptops, PDAs)
• Audio preamplifiers for voice
• Portable, battery-powered electronic equipment
• Supply-current monitoring
• Battery monitoring
• Buffers
• Filters
• Drivers
3 Description
The LMV34x devices are single, dual, and quad
CMOS operational amplifiers, respectively, with low
voltage, low power, and rail-to-rail output swing
capabilities. The PMOS input stage offers an ultra-
low input bias current of 1pA (typical) and an
offset voltage of 0.25mV (typical). The single-supply
amplifier is designed specifically for low-voltage
(2.7V to 5V) operation, with a wide common-mode
input voltage range that typically extends from –0.2V
to 0.8V from the positive supply rail. The LMV341
(single) also offers a shutdown ( SHDN) pin that can
be used to disable the device. In shutdown mode, the
supply current is reduced to 33nA (typical). Additional
features of the family are a 20nV/√ Hz voltage noise
at 10kHz, 1MHz unity-gain bandwidth, 1V/μs slew
rate, and 100μA current consumption per channel.
Offered in both the SOT-23 and smaller SC70
packages, the LMV341 is suitable for the most space-
constraint applications. The LMV342 dual device is
offered in the standard SOIC and VSSOP packages.
An extended industrial temperature range from –40°C
to 125°C makes these devices suitable in a wide
variety of commercial and industrial environments.
Package Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
LMV341IDCK
DCK (SC70, 6)
2.00mm × 1.25mm
LMV341IDBV
DBV (SOT-23, 6)
2.90mm ×1.60mm
LMV342ID
D (SOIC, 8)
4.90mm × 3.91mm
LMV342IDGK
DGK (VSSOP, 8)
3.00mm × 3.00mm
LMV344ID
D (SOIC, 14)
8.65mm × 3.91mm
LMV344IPW
PW (TSSOP, 14)
5.00mm × 4.40mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
V+
VO
−
+
VI
−
+
C = 200 pF
V+
Sample
Clock
Sample-and-Hold Circuit
LMV341, LMV342, LMV344
SLOS447J – SEPTEMBER 2004 – REVISED JUNE 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMV341_V01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV341-N NSC-LMV341-N Datasheet
1Mb / 28P
Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125째C, Operational Amplifiers
logo
Texas Instruments
LMV341-N TI1-LMV341-N Datasheet
1Mb / 30P
Shutdown/Dual/Quad General Purpose
LMV341-N TI1-LMV341-N_16 Datasheet
1Mb / 35P
Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
LMV341-Q1 TI-LMV341-Q1 Datasheet
996Kb / 30P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
JUNE 2009
More results

Similar Description - LMV341_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8591 AD-AD8591 Datasheet
227Kb / 15P
CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV.A
logo
Texas Instruments
TLV341 TI-TLV341 Datasheet
685Kb / 24P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV341 TI-LMV341 Datasheet
871Kb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_10 Datasheet
1Mb / 33P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
logo
Texas Instruments
TLV341 TI1-TLV341_V01 Datasheet
2Mb / 40P
TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
REVISED APRIL 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com