Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMKDB1120FS85NPPR Datasheet(PDF) 32 Page - Texas Instruments

Part # LMKDB1120FS85NPPR
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS85NPPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button LMKDB1120FS85NPPR Datasheet HTML 28Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 29Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 30Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 31Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 32Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 33Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 34Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 35Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 95 page
background image
8.3.3.3 OE Control
OE (Output Enable) can enable or disable a certain output. Three types of OE controls are supported: OE pin,
OE register bit through SMBus, and OE control through SBI. The three controls follow the AND logic. An output
is enabled only if all three controls enable that output. If any control disables that output, that output is disabled.
8.3.3.4 Automatic Output Disable
Automatic Output Disable (AOD) is enabled by default, and can be disabled through SMBus. When input clock
becomes invalid and LOS# is active, output clocks are muted to low/low (OUTx_P = Low, OUTx_N = Low).
Before LOS# is active and after input clock becomes invalid (because LOS detection takes time), output clocks
stay at a steady state following the last input state. For example, if the input clock stopped at low/high, then
output clocks first stay at low/high, then muted to low/low once LOS# is active.
8.3.3.5 LOS Detection
LOS (Loss Of input Signal) detects whether the clock input is valid or not. When input clock is valid, LOS#
register bit = 1 and LOS# pin = high. When input clock is invalid, LOS register bit = 0 and LOS# pin = low.
At power-up, the LOS# pin is kept low until input is detected valid. Therefore, the LOS# pin can be used for the
timing of OE# insertion and other operations.
The LOS# signal is only effective if PWRGD/PWRDN# pin is high. If this pin is low, then LOS# is low regardless
of input validness
8.3.4 Output Features
8.3.4.1 Double Termination
For regular PCIe applications, LP-HCSL outputs do not require external termination, but the LMKDB family does
support double termination (this is uncommon). In that case, an external 50Ω termination is placed and the swing
is halved. This results additional power consumption as well due to 50Ω termination to ground on the output.
8.3.4.2 Programmable Output Slew Rate
The LMKDB family offers slew rate control options through SMBus and pin modes. The pin mode option is
global slew rate control for all the outputs. SMBus slew rate control supports programmable output slew rate for
each individual output. The slew rate is heavily dependent on trace characteristics including trace width, copper
thickness, substrate height, dielectric constant, and loss tangent.
LMKDB slew rate control settings are tested with PCIe test load shown in Figure 7-1.
8.3.4.2.1 Slew Rate Control through Pin
The LMKDB11xx offer a global slew rate control pin for specific devices. Refer to Section 5 for details on slew
rate pin on each device. The pin can be set to low for slow slew rate setting and high for high slew rate. Table
8-2 provides more information on the slew rate control option through pin mode.
Table 8-2. Pin Mode Slew Rate Control
Pin Status
Slew Rate Setting
Slew Rate Range (V/ns)
Low
Low
1.8 - 2.6
High
High
2 - 2.9
8.3.4.2.2 Slew Rate Control through SMBus
The LMKDB1120 has 16 different slew rates options that can be assigned to the outputs. 0x0 is the fastest slew
rate setting and 0xF is the slowest slew rate setting. To set the slew rate of each output, follow these steps:
1. There are four different registers, SLEWRATE_OPT#, that can store up to four different slew rates. Select
your desired slew rates by assigning a value from 0x0 (fastest) to 0xF (slowest) to each SLEWRATE_OPT#
register. The default values set to each SLEWRATE_OPT# register can be found in Table 8-3.
LMKDB1102, LMKDB1104, LMKDB1104FS
LMKDB1108, LMKDB1108FS, LMKDB1120, LMKDB1120FS
SNAS855E – NOVEMBER 2023 – REVISED AUGUST 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com