Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMKDB1120FS85NPPR Datasheet(PDF) 85 Page - Texas Instruments

Part # LMKDB1120FS85NPPR
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS85NPPR Datasheet(HTML) 85 Page - Texas Instruments

Back Button LMKDB1120FS85NPPR Datasheet HTML 81Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 82Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 83Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 84Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 85Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 86Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 87Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 88Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 95 page
background image
www.ti.com
PACKAGE OUTLINE
C
SEE TERMINAL
DETAIL
20X
0.25
0.15
1.7 0.05
20X
0.5
0.3
1.0
0.8
(DIM A) TYP
OPT 02 SHOWN
0.05
0.00
16X 0.4
4X
1.6
A
3.1
2.9
B
3.1
2.9
0.25
0.15
0.5
0.3
VQFN - 1 mm max height
REY0020B
PLASTIC QUAD FLATPACK - NO LEAD
4229745/A 06/2023
DIMENSION A
OPTION 01
(0.1)
OPTION 02
(0.2)
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
1
5
11
15
6
10
20
16
X0.3)
(45
PIN 1 ID
0.1
C A B
0.05
C
EXPOSED
THERMAL PAD
21
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 4.000
DETAIL
OPTIONAL TERMINAL
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com