Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2572LP Datasheet(PDF) 21 Page - Texas Instruments

Part # LMX2572LP
Description  LMX2572LP 2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMX2572LP Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMX2572LP Datasheet HTML 17Page - Texas Instruments LMX2572LP Datasheet HTML 18Page - Texas Instruments LMX2572LP Datasheet HTML 19Page - Texas Instruments LMX2572LP Datasheet HTML 20Page - Texas Instruments LMX2572LP Datasheet HTML 21Page - Texas Instruments LMX2572LP Datasheet HTML 22Page - Texas Instruments LMX2572LP Datasheet HTML 23Page - Texas Instruments LMX2572LP Datasheet HTML 24Page - Texas Instruments LMX2572LP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
LMX2572LP
www.ti.com
SNAS764 – MAY 2018
21
Product Folder Links: LMX2572LP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Register Maps (continued)
REG.
DATA[15:0]
POR
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R35
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
230004h
R36
PLL_N
240028h
R37
MASH_
SEED_EN
0
PFD_DLY_SEL
0
0
0
0
0
1
0
1
250205h
R38
PLL_DEN[31:16]
26FFFFh
R39
PLL_DEN[15:0]
27FFFFh
R40
MASH_SEED[31:16]
280000h
R41
MASH_SEED[15:0]
290000h
R42
PLL_NUM[31:16]
2A0000h
R43
PLL_NUM[15:0]
2B0000h
R44
0
0
OUTA_PWR
OUTB_
PD
OUTA_
PD
MASH_
RESET_N
0
0
MASH_ORDER
2C08A2h
R45
1
1
0
0
0
1
1
0
0
0
OUTB_PWR
2DC608h
R46
0
0
0
0
0
1
1
1
1
1
1
1
0
0
0
0
2E07F0h
R47
0
0
0
0
0
0
1
1
0
0
0
0
0
0
0
0
2F0300h
R48
0
0
0
0
0
0
1
1
1
1
1
0
0
0
0
0
3003E0h
R49
0
1
0
0
0
0
0
1
1
0
0
0
0
0
0
0
314180h
R50
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
320080h
R51
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
330080h
R52
0
0
0
0
0
1
0
0
0
0
1
0
0
0
0
1
340420h
R53
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
350000h
R54
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
360000h
R55
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
370000h
R56
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
380000h
R57
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
390000h
R58
INPIN_
IGNORE
INPIN_
HYST
INPIN_LVL
INPIN_FMT
0
0
0
0
0
0
0
0
1
3A8001h
R59
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
LD_TYPE
3B0001h
R60
LD_DLY
3C03E8h
R61
0
0
0
0
0
0
0
0
1
0
1
0
1
0
0
0
3D00A8h
R62
DBLBUF_
EN_5
DBLBUF_
EN_4
DBLBUF_
EN_3
DBLBUF_
EN_2
DBLBUF_
EN_1
DBLBUF_
EN_0
0
0
1
0
1
0
1
1
1
1
3E00AFh
R63
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
3F0000h
R64
0
0
0
1
0
0
1
1
1
0
0
0
1
0
0
0
401388h
R65
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
410000h
R66
0
0
0
0
0
0
0
1
1
1
1
1
0
1
0
0
4201F4h
R67
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
430000h
R68
0
0
0
0
0
0
1
1
1
1
1
0
1
0
0
0
4403E8h
R69
MASH_RST_COUNT[31:16]
450000h
R70
MASH_RST_COUNT[15:0]
46C350h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com