Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2572LP Datasheet(PDF) 49 Page - Texas Instruments

Part # LMX2572LP
Description  LMX2572LP 2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMX2572LP Datasheet(HTML) 49 Page - Texas Instruments

Back Button LMX2572LP Datasheet HTML 45Page - Texas Instruments LMX2572LP Datasheet HTML 46Page - Texas Instruments LMX2572LP Datasheet HTML 47Page - Texas Instruments LMX2572LP Datasheet HTML 48Page - Texas Instruments LMX2572LP Datasheet HTML 49Page - Texas Instruments LMX2572LP Datasheet HTML 50Page - Texas Instruments LMX2572LP Datasheet HTML 51Page - Texas Instruments LMX2572LP Datasheet HTML 52Page - Texas Instruments LMX2572LP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
49
LMX2572LP
www.ti.com
SNAS764 – MAY 2018
Product Folder Links: LMX2572LP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 98. Register R91 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
R/W
0h
Program 0h to this field.
After programming R0 with RESET = 1, no need to program this register.
7.6.93 Register R92 (offset = 5Ch) [reset = 0000h]
Figure 120. Register R92
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W-0h
Table 99. Register R92 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
R/W
0h
Program 0h to this field.
After programming R0 with RESET = 1, no need to program this register.
7.6.94 Register R93 (offset = 5Dh) [reset = 0000h]
Figure 121. Register R93
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W-0h
Table 100. Register R93 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
R/W
0h
Program 0h to this field.
After programming R0 with RESET = 1, no need to program this register.
7.6.95 Register R94 (offset = 5Eh) [reset = 0000h]
Figure 122. Register R94
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W-0h
Table 101. Register R94 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
R/W
0h
Program 0h to this field.
After programming R0 with RESET = 1, no need to program this register.
7.6.96 Register R95 (offset = 5Fh) [reset = 0000h]
Figure 123. Register R95
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W-0h
Table 102. Register R95 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
R/W
0h
Program 0h to this field.
After programming R0 with RESET = 1, no need to program this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com