Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2992 Datasheet(PDF) 16 Page - Texas Instruments

Part # LP2992
Description  LP2992 Micropower, 250mA, Low-Noise, Ultra-Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use With Very Low-ESR Output Capacitors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2992 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP2992 Datasheet HTML 12Page - Texas Instruments LP2992 Datasheet HTML 13Page - Texas Instruments LP2992 Datasheet HTML 14Page - Texas Instruments LP2992 Datasheet HTML 15Page - Texas Instruments LP2992 Datasheet HTML 16Page - Texas Instruments LP2992 Datasheet HTML 17Page - Texas Instruments LP2992 Datasheet HTML 18Page - Texas Instruments LP2992 Datasheet HTML 19Page - Texas Instruments LP2992 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
5.6 Typical Characteristics (continued)
CIN = 1µF, COUT = 4.7µF, VIN = VOUT(NOM) + 1V, TA = 25°C, and ON/OFF pin is tied to the IN pin (unless otherwise noted)
Figure 5-49. Line Transient Response (Legacy Chip)
20
s/div
0
20
40
60
80
100 120 140 160 180 200
3.296
3
3.298
3.5
3.3
4
3.302
4.5
3.304
5
3.306
5.5
3.308
6
3.31
6.5
3.312
7
VO
VIN
VOUT = 3.3V, CBYP = 10nF, ΔVIN = 1V, IOUT = 150mA, dV/dt =
1V/μs
Figure 5-50. Line Transient Response (New Chip)
Figure 5-51. Turn-On Time (Legacy Chip)
100
s/div
0
100
200
300
400
500
600
700
-4
0
-3
2
-2
4
-1
6
0
8
1
10
2
12
3
14
4
16
V0 = 3.3 V
Cbyp = 0 nF
ILOAD = 150 mA
VO
VON
Figure 5-52. Turn-On Time (New Chip)
Figure 5-53. Turn-On Time (Legacy Chip)
200
s/div
0
200
400
600
800
1000
1200
-4
0
-3
2
-2
4
-1
6
0
8
1
10
2
12
3
14
4
16
V0 = 3.3 V
Cbyp = 100 pF
ILOAD = 150 mA
VO
V0N
Figure 5-54. Turn-On Time (New Chip)
LP2992
SNVS171L – NOVEMBER 2001 – REVISED FEBRUARY 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LP2992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com