Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2992 Datasheet(PDF) 32 Page - Texas Instruments

Part # LP2992
Description  LP2992 Micropower, 250mA, Low-Noise, Ultra-Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use With Very Low-ESR Output Capacitors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2992 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP2992 Datasheet HTML 28Page - Texas Instruments LP2992 Datasheet HTML 29Page - Texas Instruments LP2992 Datasheet HTML 30Page - Texas Instruments LP2992 Datasheet HTML 31Page - Texas Instruments LP2992 Datasheet HTML 32Page - Texas Instruments LP2992 Datasheet HTML 33Page - Texas Instruments LP2992 Datasheet HTML 34Page - Texas Instruments LP2992 Datasheet HTML 35Page - Texas Instruments LP2992 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
14-Oct-2025
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
LP2992AIM5X-3.3/NO.B
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LFEA
LP2992AIM5X-3.3/NOPB
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 125
LFEA
LP2992AIM5X-5.0/NO.A
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
LFFA
LP2992AIM5X-5.0/NOPB
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
LFFA
LP2992ILD-1.8/NOPB
Active
Production
WSON (NGD) | 6
1000 | SMALL T&R
Yes
NIPDAU | SN
Level-3-260C-168 HR
-40 to 125
L012A
B
LP2992ILD-1.8/NOPB.A
Active
Production
WSON (NGD) | 6
1000 | SMALL T&R
Yes
SN
Level-3-260C-168 HR
-40 to 125
L012A
B
LP2992ILD-1.8/NOPB.B
Active
Production
WSON (NGD) | 6
1000 | SMALL T&R
Yes
SN
Level-3-260C-168 HR
-40 to 125
L012A
B
LP2992ILD-2.5/NOPB
Active
Production
WSON (NGD) | 6
1000 | SMALL T&R
Yes
SN
Level-3-260C-168 HR
-40 to 125
L013A
B
LP2992ILD-2.5/NOPB.A
Active
Production
WSON (NGD) | 6
1000 | SMALL T&R
Yes
SN
Level-3-260C-168 HR
-40 to 125
L013A
B
LP2992ILD-2.5/NOPB.B
Active
Production
WSON (NGD) | 6
1000 | SMALL T&R
Yes
SN
Level-3-260C-168 HR
-40 to 125
L013A
B
LP2992ILD-3.3/NOPB
Active
Production
WSON (NGD) | 6
1000 | SMALL T&R
Yes
NIPDAU | SN
Level-3-260C-168 HR
-40 to 125
L014A
B
LP2992ILD-3.3/NOPB.A
Active
Production
WSON (NGD) | 6
1000 | SMALL T&R
Yes
SN
Level-3-260C-168 HR
-40 to 125
L014A
B
LP2992ILD-3.3/NOPB.B
Active
Production
WSON (NGD) | 6
1000 | SMALL T&R
Yes
SN
Level-3-260C-168 HR
-40 to 125
L014A
B
LP2992ILD-5.0/NOPB
Active
Production
WSON (NGD) | 6
1000 | SMALL T&R
Yes
NIPDAU | SN
Level-3-260C-168 HR
-40 to 125
L015A
B
LP2992ILD-5.0/NOPB.A
Active
Production
WSON (NGD) | 6
1000 | SMALL T&R
Yes
SN
Level-3-260C-168 HR
-40 to 125
L015A
B
LP2992ILD-5.0/NOPB.B
Active
Production
WSON (NGD) | 6
1000 | SMALL T&R
Yes
SN
Level-3-260C-168 HR
-40 to 125
L015A
B
LP2992ILDX-1.5/NO.A
Active
Production
WSON (NGD) | 6
4500 | LARGE T&R
Yes
SN
Level-3-260C-168 HR
-40 to 125
L011A
B
LP2992ILDX-1.5/NOPB
Active
Production
WSON (NGD) | 6
4500 | LARGE T&R
Yes
NIPDAU | SN
Level-3-260C-168 HR
-40 to 125
L011A
B
LP2992ILDX-3.3/NO.A
Active
Production
WSON (NGD) | 6
4500 | LARGE T&R
Yes
SN
Level-3-260C-168 HR
-40 to 125
L014A
B
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com