Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2997 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP2997
Description  LP2997 DDR-II Termination Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2997 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2997 Datasheet HTML 7Page - Texas Instruments LP2997 Datasheet HTML 8Page - Texas Instruments LP2997 Datasheet HTML 9Page - Texas Instruments LP2997 Datasheet HTML 10Page - Texas Instruments LP2997 Datasheet HTML 11Page - Texas Instruments LP2997 Datasheet HTML 12Page - Texas Instruments LP2997 Datasheet HTML 13Page - Texas Instruments LP2997 Datasheet HTML 14Page - Texas Instruments LP2997 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
14-Oct-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
LP2997M/NOPB
Active
Production
SOIC (D) | 8
95 | TUBE
Yes
SN
Level-1-260C-UNLIM
0 to 125
L2997
M
LP2997M/NOPB.A
Active
Production
SOIC (D) | 8
95 | TUBE
Yes
SN
Level-1-260C-UNLIM
0 to 125
L2997
M
LP2997MR/NOPB
Active
Production
SO PowerPAD
(DDA) | 8
95 | TUBE
Yes
NIPDAU | SN
Level-3-260C-168 HR
0 to 125
(L2997, LP2997)
MR
LP2997MR/NOPB.A
Active
Production
SO PowerPAD
(DDA) | 8
95 | TUBE
Yes
NIPDAU
Level-3-260C-168 HR
0 to 125
(L2997, LP2997)
MR
LP2997MRX/NOPB
Active
Production
SO PowerPAD
(DDA) | 8
2500 | LARGE T&R
Yes
NIPDAU | SN
Level-3-260C-168 HR
0 to 125
(L2997, LP2997)
MR
LP2997MRX/NOPB.A
Active
Production
SO PowerPAD
(DDA) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
0 to 125
(L2997, LP2997)
MR
LP2997MRX/NOPBG4
Active
Production
SO PowerPAD
(DDA) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
0 to 125
LP2997
MR
LP2997MRX/NOPBG4.A
Active
Production
SO PowerPAD
(DDA) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
0 to 125
LP2997
MR
LP2997MX/NOPB
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
0 to 125
L2997
M
LP2997MX/NOPB.A
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
0 to 125
L2997
M
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com