Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG114AIRGVT Datasheet(PDF) 20 Page - Texas Instruments

Part # LOG114AIRGVT
Description  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114AIRGVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button LOG114AIRGVT Datasheet HTML 16Page - Texas Instruments LOG114AIRGVT Datasheet HTML 17Page - Texas Instruments LOG114AIRGVT Datasheet HTML 18Page - Texas Instruments LOG114AIRGVT Datasheet HTML 19Page - Texas Instruments LOG114AIRGVT Datasheet HTML 20Page - Texas Instruments LOG114AIRGVT Datasheet HTML 21Page - Texas Instruments LOG114AIRGVT Datasheet HTML 22Page - Texas Instruments LOG114AIRGVT Datasheet HTML 23Page - Texas Instruments LOG114AIRGVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
7.2 Typical Applications
7.2.1 Design Example for Dual-Supply Configuration
Given these conditions:
Table 7-1. Example Design Parameters for Dual-Supply Parameters
Parameter
Example Value
Positive supply voltage
5V
Negative supply voltage
-5V
Input signal
100pA to 10mA
Reference voltage
2.5V
Output voltage
0V to 2.5V
1. Due to LOG114 symmetry, choose either I1 or I2 as the signal input pin. Choosing I1 as the reference makes
the resistor network around A4 simpler. (Note: Current must flow into I1 and I2 pins.)
2. Select the magnitude of the reference current. The signal (I2) spans eight decades, therefore set I1 to
1μA − four decades above the minimum I2 value. (Note that the value does not have to be placed in the
middle. If I2 spanned seven decades, I1 can set three decades above the minimum and four decades below
the maximum I2 value.) This configuration results in more swing amplitude in the negative direction, which
provides more sensitivity (ΔVO4 per ΔI2) when the current signal decreases.
3. Use Equation 1 to calculate the expected range of log outputs at VLOGOUT:
For I2=10mA:
VLOGOUT=0.375×log 1μA10mA =−1.5V For I2=100pA:
VLOGOUT=0.375×log 1μA100pA =1.5V
(15)
Therefore, the expected voltage range at the output of amplifier A3 is:
−1.5V≤VLOGOUT≤1.5V
(16)
4. The A4 amplifier scales and offsets the VLOGOUT signal for use by the ADC using the equation:
VO4= −GA4×VLOGOUT +VOFFSET
(17)
The A4 amplifier is specified with a rated output swing capability from (V−) +0.5V to (V+) − 0.5V.
Therefore, choose the final A4 output:
0V≤VO4≤2.5V
(18)
This output results in a 2.5V range for the 3V VLOGOUT range, therefore a gain of 5/6 is needed for A4.
5. When I2 = 10mA, VLOGOUT = −1.5V. Using Equation 19 in step 4:
0V=−2.5V3V× −1.5V +VOFFSET
(19)
Therefore, VOFFSET = 1.25V
This makes the A4 formula:
VO4=−56VLOGOUT +1.25
(20)
Replacing VLOGOUT with Equation 1 gives the system's overall function to be:
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LOG114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com