Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG114AIRGVT Datasheet(PDF) 22 Page - Texas Instruments

Part # LOG114AIRGVT
Description  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114AIRGVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button LOG114AIRGVT Datasheet HTML 18Page - Texas Instruments LOG114AIRGVT Datasheet HTML 19Page - Texas Instruments LOG114AIRGVT Datasheet HTML 20Page - Texas Instruments LOG114AIRGVT Datasheet HTML 21Page - Texas Instruments LOG114AIRGVT Datasheet HTML 22Page - Texas Instruments LOG114AIRGVT Datasheet HTML 23Page - Texas Instruments LOG114AIRGVT Datasheet HTML 24Page - Texas Instruments LOG114AIRGVT Datasheet HTML 25Page - Texas Instruments LOG114AIRGVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
This result is acceptable in a dual−supply system (V+ = 5V, V− = −5V) where the output can swing below
ground, but this result does not work in a single supply 5V system. Therefore, an offset voltage must be
added to the system.
4. Select an offset voltage, VCOM to use for centering the output between (V−) + 0.6V and (V+) − 0.6V, which
is the full-scale output capability of the A3 amplifier. Choosing VCOM = 2.5V, and recalculating the expected
voltage output range for VLOGOUT using Equation 2, results in:
1V≤VLOGOUT≤4V
(24)
5. The A4 amplifier scales and offsets the VLOGOUT signal for use by the ADC using the equation:
VO4=−GA4×VLOGOUT+VOFFSET
(25)
The A4 amplifier is specified with a rated output swing capability from (V−) +0.5V to (V+) − 0.5V.
Therefore, choose the final A4 output:
0.5V≤VO4≤2.5V
(26)
This output results in a 2V range for the 3V VLOGOUT range, therefore a gain of 2/3 is needed for A4.
6. When I2 = 10mA, VLOGOUT = 1V, and VO4 = 2.5V. Using Equation 25 in step 5:
2.5V=−2V3V× 1V +VOFFSET
(27)
Therefore, VOFFSET = 3.17V
The A4 amplifier configuration for VO4 = −2/3(VLOGOUT) + 3.17 is seen in Figure 7-10.
The overall transfer function is:
VO4=−0.25×log I1I2 +1.5V
(28)
A
1
+
–
R1
R3
A
3
+
–
R2
R4
A
2
+
–
I2
I1
VCM IN
COM
A
4
+
–
VO4
–IN4
+IN4
V+
VREF GND
I2
I1
LOG114
VLOGOUT
REF
VREF
A
5
–
+
VO5
+IN5
–IN5
316k
V–
100k
66.5k
I1
1 F
4.096V
Reference
RREF
1.62M
2.5V
Input current from
photodiode or
current source
I2
100k
0.1 F
5V
A.
In single−supply configuration, VCM IN must be connected to ≥ 1V.
B.
The cathode of the photodiode is returned to VREF resulting in zero bias across the photodiode. The cathode can returned to a voltage
more positive than VCM IN to create a reverse bias for reducing photodiode capacitance, which increases speed.
Figure 7-9. Single-Supply Configuration Example for Measurement Over Eight Decades
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LOG114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com