Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2992IM5-1.5/NOPB.A Datasheet(PDF) 14 Page - Texas Instruments

Part # LP2992IM5-1.5/NOPB.A
Description  LP2992 Micropower, 250mA, Low-Noise, Ultra-Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use With Very Low-ESR Output Capacitors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2992IM5-1.5/NOPB.A Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP2992IM5-1.5/NOPB.A Datasheet HTML 10Page - Texas Instruments LP2992IM5-1.5/NOPB.A Datasheet HTML 11Page - Texas Instruments LP2992IM5-1.5/NOPB.A Datasheet HTML 12Page - Texas Instruments LP2992IM5-1.5/NOPB.A Datasheet HTML 13Page - Texas Instruments LP2992IM5-1.5/NOPB.A Datasheet HTML 14Page - Texas Instruments LP2992IM5-1.5/NOPB.A Datasheet HTML 15Page - Texas Instruments LP2992IM5-1.5/NOPB.A Datasheet HTML 16Page - Texas Instruments LP2992IM5-1.5/NOPB.A Datasheet HTML 17Page - Texas Instruments LP2992IM5-1.5/NOPB.A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
5.6 Typical Characteristics (continued)
CIN = 1µF, COUT = 4.7µF, VIN = VOUT(NOM) + 1V, TA = 25°C, and ON/OFF pin is tied to the IN pin (unless otherwise noted)
Figure 5-37. Load Transient Response (Legacy Chip)
20
s/div
0
20
40
60
80
100
120
140 150
3.1
-300
3.16
-250
3.22
-200
3.28
-150
3.34
-100
3.4
-50
3.46
0
3.52
50
3.58
100
3.64
150
3.7
200
3.76
250
3.82
300
3.88
350
V0 = 3.3 V
Cbyp = 10 nF
IL = 150 mA
VO
IL
dI/dt = 1A/μs
Figure 5-38. Load Transient (New Chip)
Figure 5-39. Load Transient Response (Legacy Chip)
20
s/div
0
20
40
60
80
100
120
140 150
3.1
-300
3.16
-250
3.22
-200
3.28
-150
3.34
-100
3.4
-50
3.46
0
3.52
50
3.58
100
3.64
150
3.7
200
3.76
250
3.82
300
3.88
350
V0 = 3.3 V
Cbyp = 0 nF
IL = 150 mA
VO
IL
dI/dt = 1A/μs
Figure 5-40. Load Transient Response (New Chip)
Figure 5-41. Load Transient Response (Legacy Chip)
100
s/div
0
100
200
300
400
500
600
700
800
900 1000
0
2.8
100
2.9
200
3
300
3.1
400
3.2
500
3.3
600
3.4
700
3.5
800
3.6
ILOAD
VOUT
VOUT = 3.3V, dI/dt = 1A/μs
Figure 5-42. Load Transient Response (New Chip)
LP2992
SNVS171L – NOVEMBER 2001 – REVISED FEBRUARY 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LP2992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com