Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2992IM5-1.5/NOPB.A Datasheet(PDF) 29 Page - Texas Instruments

Part # LP2992IM5-1.5/NOPB.A
Description  LP2992 Micropower, 250mA, Low-Noise, Ultra-Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use With Very Low-ESR Output Capacitors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2992IM5-1.5/NOPB.A Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP2992IM5-1.5/NOPB.A Datasheet HTML 25Page - Texas Instruments LP2992IM5-1.5/NOPB.A Datasheet HTML 26Page - Texas Instruments LP2992IM5-1.5/NOPB.A Datasheet HTML 27Page - Texas Instruments LP2992IM5-1.5/NOPB.A Datasheet HTML 28Page - Texas Instruments LP2992IM5-1.5/NOPB.A Datasheet HTML 29Page - Texas Instruments LP2992IM5-1.5/NOPB.A Datasheet HTML 30Page - Texas Instruments LP2992IM5-1.5/NOPB.A Datasheet HTML 31Page - Texas Instruments LP2992IM5-1.5/NOPB.A Datasheet HTML 32Page - Texas Instruments LP2992IM5-1.5/NOPB.A Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
8 Device and Documentation Support
8.1 Device Nomenclature
Table 8-1. Available Options
PRODUCT(1)
VOUT
LP2992vwxxy-z.z/NOPB
v is the accuracy specification for the legacy chip (A or blank). See the Electrical
Characteristics for more information. This character is insignificant for the new chip. w is
the operating temperature range (I = −40°C to +125°C). xx is the package designator.
y is the reel designator size. See the Package Addendum for more information on
package quantity.
z.z is the nominal output voltage (for example, 3.3 = 3.3V; 5.0 = 5.0V). /NOPB indicates
material construction that does not use Lead (Pb).
This device ships with the legacy chip (CSO: DLN or GF8) or the new chip (CSO:
RFB), which uses the latest manufacturing flow. The reel packaging label provides CSO
information to distinguish which chip is used. Device performance for new and legacy
chips is denoted throughout the document.
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
8.2 Documentation Support
8.2.1 Related Documentation
For related documentation see the following:
• Texas Instruments, AN-1187 Leadless Leadframe Package (LLP), application note
• Texas Instruments, Semiconductor and IC Package Thermal Metrics, application note
• Texas Instruments, Using New Thermal Metrics, application note
• Texas Instruments, Thermal Characteristics of Linear and Logic Packages Using JEDEC PCB Designs,
application note
8.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. In the upper
right corner, click on Alert me to register and receive a weekly digest of any product information that has
changed. For change details, review the revision history included in any revised document.
8.4 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
8.5 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
8.6 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
8.7 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
www.ti.com
LP2992
SNVS171L – NOVEMBER 2001 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LP2992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com