Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2992IM5-1.5/NOPB.B Datasheet(PDF) 2 Page - Texas Instruments

Part # LP2992IM5-1.5/NOPB.B
Description  LP2992 Micropower, 250mA, Low-Noise, Ultra-Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use With Very Low-ESR Output Capacitors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2992IM5-1.5/NOPB.B Datasheet(HTML) 2 Page - Texas Instruments

  LP2992IM5-1.5/NOPB.B Datasheet HTML 1Page - Texas Instruments LP2992IM5-1.5/NOPB.B Datasheet HTML 2Page - Texas Instruments LP2992IM5-1.5/NOPB.B Datasheet HTML 3Page - Texas Instruments LP2992IM5-1.5/NOPB.B Datasheet HTML 4Page - Texas Instruments LP2992IM5-1.5/NOPB.B Datasheet HTML 5Page - Texas Instruments LP2992IM5-1.5/NOPB.B Datasheet HTML 6Page - Texas Instruments LP2992IM5-1.5/NOPB.B Datasheet HTML 7Page - Texas Instruments LP2992IM5-1.5/NOPB.B Datasheet HTML 8Page - Texas Instruments LP2992IM5-1.5/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information....................................................5
5.5 Electrical Characteristics.............................................5
5.6 Typical Characteristics................................................ 8
6 Detailed Description......................................................18
6.1 Overview................................................................... 18
6.2 Functional Block Diagram......................................... 18
6.3 Feature Description...................................................18
6.4 Device Functional Modes..........................................21
7 Application and Implementation.................................. 22
7.1 Application Information............................................. 22
7.2 Typical Application.................................................... 25
7.3 Power Supply Recommendations.............................27
7.4 Layout....................................................................... 28
8 Device and Documentation Support............................29
8.1 Device Nomenclature................................................29
8.2 Documentation Support............................................ 29
8.3 Receiving Notification of Documentation Updates....29
8.4 Support Resources................................................... 29
8.5 Trademarks...............................................................29
8.6 Electrostatic Discharge Caution................................29
8.7 Glossary....................................................................29
9 Revision History............................................................ 30
10 Mechanical, Packaging, and Orderable
Information.................................................................... 30
LP2992
SNVS171L – NOVEMBER 2001 – REVISED FEBRUARY 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LP2992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com