Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2992IM5-1.5/NOPB.B Datasheet(PDF) 3 Page - Texas Instruments

Part # LP2992IM5-1.5/NOPB.B
Description  LP2992 Micropower, 250mA, Low-Noise, Ultra-Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use With Very Low-ESR Output Capacitors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2992IM5-1.5/NOPB.B Datasheet(HTML) 3 Page - Texas Instruments

  LP2992IM5-1.5/NOPB.B Datasheet HTML 1Page - Texas Instruments LP2992IM5-1.5/NOPB.B Datasheet HTML 2Page - Texas Instruments LP2992IM5-1.5/NOPB.B Datasheet HTML 3Page - Texas Instruments LP2992IM5-1.5/NOPB.B Datasheet HTML 4Page - Texas Instruments LP2992IM5-1.5/NOPB.B Datasheet HTML 5Page - Texas Instruments LP2992IM5-1.5/NOPB.B Datasheet HTML 6Page - Texas Instruments LP2992IM5-1.5/NOPB.B Datasheet HTML 7Page - Texas Instruments LP2992IM5-1.5/NOPB.B Datasheet HTML 8Page - Texas Instruments LP2992IM5-1.5/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
4 Pin Configuration and Functions
OUT
BYPASS
1
2
3
4
5
IN
GND
ON/OFF
Figure 4-1. DBV Package, 5-Pin SOT-23 (Top View)
Figure 4-2. NGD Package, 6-Pin WSON (Top View) (Legacy Chip)
Table 4-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
DBV
NGD (Legacy
chip only)
BYPASS
4
1
I
BYPASS pin to achieve low noise performance. Connecting an external capacitor
between BYPASS pin and ground reduces reference voltage noise. See the
Recommended Operating Conditions table for more information.
GND
2
2
—
Ground
ON/OFF
3
3
I
Enable pin for the LDO. Driving the ON/OFF pin high enables the device. Driving
this pin low disables the device. High and low thresholds are listed in the Electrical
Characteristics table. Tie this pin to VIN if unused.
IN
1
4
I
Input supply pin. Use a capacitor with a value of 1µF or larger from this pin
to ground. See the Input and Output Capacitor Requirements section for more
information.
OUT
5
6
O
Output of the regulator. Use a capacitor with a value of 2.2µF or larger from this pin
to ground(1). See the Input and Output Capacitor Requirements section for more
information.
N/C
–
5
–
No internal connection. Connect to GND or leave open. (Legacy chip only)
DAP
–
Exposed
thermal pad
–
The exposed die attach pad on the bottom of the package must be connected to
a copper thermal pad on the PCB at ground potential. Connect to ground potential
or leave floating. Do not connect to any potential other than the same ground
potential seen at device pin 2. (Legacy chip only)
(1)
The nominal output capacitance must be greater than 1μF. Throughout this document, the nominal derating on these capacitors is
50%. Make sure that the effective capacitance at the pin is greater than 1μF.
www.ti.com
LP2992
SNVS171L – NOVEMBER 2001 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LP2992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com